Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2360PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2360PCBA
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2360PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF2360PCBA Datasheet HTML 1Page - RF Micro Devices RF2360PCBA Datasheet HTML 2Page - RF Micro Devices RF2360PCBA Datasheet HTML 3Page - RF Micro Devices RF2360PCBA Datasheet HTML 4Page - RF Micro Devices RF2360PCBA Datasheet HTML 5Page - RF Micro Devices RF2360PCBA Datasheet HTML 6Page - RF Micro Devices RF2360PCBA Datasheet HTML 7Page - RF Micro Devices RF2360PCBA Datasheet HTML 8Page - RF Micro Devices RF2360PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
GND
GND
GND
RF IN
NC
NC
NC
NC
RF OUT
GND
GND
NC
NC
NC
RF2360
LINEAR GENERAL PURPOSE AMPLIFIER
The RF2360 is a general purpose, low-cost, high-linearity RF amplifier IC.
The device is manufactured on a Gallium Arsenide process and is featured
in an SOP-16 batwing package. It has been designed for use as an easily
cascadable 75
Ω gain block with a Noise Figure of less than 2dB. Gain
flatness better than 0.5dB from 5MHz to 1000MHz, and high linearity
make this part ideal for cable TV applications. Other applications include
IF and RF amplification in wireless voice and data communication prod-
ucts operating in frequency bands up to 1000MHz. The device is self-con-
tained with 75
Ω input and output impedances providing less than 2:1
VSWR matching. For higher input and output return losses, see the evalu-
ation schematic.
Features
5MHz to 1500MHz Operation
Internally Matched Input and
Output
20dB Small Signal Gain
1.2dB Noise Figure
+24dBm Output Power
Single 6V to 9V Positive
Power Supply
Applications
CATV Distribution Amplifiers
Cable Modems
Broadband Gain Blocks
Laser Diode Driver
Return Channel Amplifier
Base Stations
RF2360
Linear General Purpose Amplifier
RF2360 PCBA
Fully Assembled Evaluation Board 50
Ω
RF2360 411
Fully Assembled Evaluation Board 75H
RF2360 412
Fully Assembled Evaluation Board 75L
Rev A12 DS070731
RF2360Lin-
ear General
Purpose Ampli-
fier
RoHS Compliant & Pb-Free Product
Package Style: Standard Batwing


Similar Part No. - RF2360PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2360PCBA RFMD-RF2360PCBA Datasheet
269Kb / 14P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360PCBA RFMD-RF2360PCBA Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2360PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320 Datasheet
181Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
269Kb / 14P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312_06 Datasheet
306Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827 Datasheet
199Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
CXE-2089Z RFMD-CXE-2089Z Datasheet
646Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827_14 Datasheet
519Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
Linear General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com