Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4969MD Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4969MD
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969MD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4969MD Datasheet HTML 8Page - STMicroelectronics L4969MD Datasheet HTML 9Page - STMicroelectronics L4969MD Datasheet HTML 10Page - STMicroelectronics L4969MD Datasheet HTML 11Page - STMicroelectronics L4969MD Datasheet HTML 12Page - STMicroelectronics L4969MD Datasheet HTML 13Page - STMicroelectronics L4969MD Datasheet HTML 14Page - STMicroelectronics L4969MD Datasheet HTML 15Page - STMicroelectronics L4969MD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
L4969
12/35
1.3.2 Negligible Errors
1.3.2.1 Transmitter
Error I and II (CANH or CANL interrupted but still tied to termination)
Error IV and VIII (CANH or CANL permanently dominant by short circuit)
In all cases above data can still be transmitted in differential mode.
1.3.2.2 Receiver
Error I and II (CANH or CANL interrupted but still tied to termination)
Error V and IX (CANH or CANL permanently recessive by short circuit)
In all cases above data can still be received in differential mode.
1.3.3
Problematic Errors
1.3.3.1 Transmitter
Error III and VI (CANH or CANL show overvoltage condition by short circuit)
Data is transmitted using the remaining dataline (single wire)
1.3.3.2 Receiver
Error III and VI (CANH or CANL show overvoltage condition by short circuit)
Data is received using the remaining dataline (single wire)
1.3.4 Severe Errors
1.3.4.1 Transmitter
Error V and IX (CANH or CANL permanently recessive by short circuit)
Data is transmitted on the remaining dataline after short circuit detection
Error VII (CANH is shorted to CANL)
Data is transmitted on CANH or CANL after overcurrent was detected
Error X (attempt to transmit more than 10 successive dominant bits (at lowest bitrate specified)
Transmission is terminated (fail safe)
1.3.4.2 Receiver
Error VII (CANH is shorted to CANL)
Data is received on CANH or CANL after detection of permanent dominant state
Error IV and VIII (CANH or CANL permanently dominant by short circuit)
Data is received on CANH or CANL after short circuit was detected
Error X (reception of a sequence of dominant bits, violating the protocol rules)
Data is received normally, error is detected by protocol-unit
The error conditions is signaled issuing an error flag inside a dedicated register which is readable by the
µC
through the serial interface. The information of the error type (I through X) is also stored into this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com