Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4969MD Datasheet(PDF) 14 Page - STMicroelectronics

Part # L4969MD
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969MD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L4969MD Datasheet HTML 10Page - STMicroelectronics L4969MD Datasheet HTML 11Page - STMicroelectronics L4969MD Datasheet HTML 12Page - STMicroelectronics L4969MD Datasheet HTML 13Page - STMicroelectronics L4969MD Datasheet HTML 14Page - STMicroelectronics L4969MD Datasheet HTML 15Page - STMicroelectronics L4969MD Datasheet HTML 16Page - STMicroelectronics L4969MD Datasheet HTML 17Page - STMicroelectronics L4969MD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
L4969
14/35
Figure 5.
1.6.3
Reset signalling during Sleepmode
When entering the sleep mode by writing 1 to DISAR in the VRCR register, the Voltageregulators and their re-
ferences will be deactivated to allow minimum current consumption. By removing the V1 reference, the output-
voltage is no longer supervised and thus NO reset will be generated.
Now two scenarios are possible (see statediagram in chapter 1.2):
1) Wakeup with V1 still above reset threshold: V1 will be reactivated and Normal mode is resumed
2) Wakeup with V1 below reset threshold: V1 will be activated, NRES will go low and remain low until V1 is
above reset threshold and Startup mode is entered.
The scenario 2 is the most critical when used with uC that do not have their own POR circuitry.
In this case V1 will ramp down with an unknown application state.
To guarantee a proper shut off of an uC without an internal POR circuitry the following mechanism can be uti-
lized: The L4969 uses a bidirectional Reset to detect a possible Watchdog failure of the uC. If this failure con-
dition is detected, NRES will be forced low for 1 ms (with activated timer) or until a wakeup condition occurs
(WDEN bit in WDC register reset, thus RC-oscillator will be switched off during sleep).
Two methods can be used to allow a proper sleep transition:
- With Timer (WDEN=1): immediately after setting DISAR the uC has to program its WDC to generate a failure
causing the L4969 to detect a low level on NRES followed by an automatic 1ms pulse extension. If V1 is ramping
down slow, Cext has to be defined in a way, that NRES will stay below the input threshold of the uC until V1 is
in a safe level.
- Without timer (WDEN=0): same procedure as above, but uC has to generate a Reset within 1 ms after WDEN
has been cleared. NRES will then stay low, until a wakeup condition occurs.
Figure 6. .
1.7
Identifier Filter
A 12-Bit CAN-ID-filter is implemented allowing wakeup via specific CAN-messages thus aiding the implemen-
tation of low power partial communication networks like standby diagnostics without the need to power-up the
whole network.
To guarantee the detection of the programmed Identifiers, the local RC-oscillator can be calibrated to allow the
programmable Bittime logic to extract the incoming stream with a maximum of tolerance over temperature de-
viation.
1.8
Ground Shift Detection
1ms sampling
V1UV
NRES
V1
NRES
CEXT
DISAR
REF REG
1ms
RC-Osc
R1
R2
WDC
L4969
uC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com