Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4969MD Datasheet(PDF) 27 Page - STMicroelectronics

Part # L4969MD
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969MD Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L4969MD Datasheet HTML 23Page - STMicroelectronics L4969MD Datasheet HTML 24Page - STMicroelectronics L4969MD Datasheet HTML 25Page - STMicroelectronics L4969MD Datasheet HTML 26Page - STMicroelectronics L4969MD Datasheet HTML 27Page - STMicroelectronics L4969MD Datasheet HTML 28Page - STMicroelectronics L4969MD Datasheet HTML 29Page - STMicroelectronics L4969MD Datasheet HTML 30Page - STMicroelectronics L4969MD Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
27/35
L4969
2.8
ADR7: CTSR CAN Transceiver Status Register
Figure 23.
Note, that this register is read only and only provides the unlatched information on current buserrors.
D11
D0
RES
RES
RES
GSH
EI_V
EII_IX
EIII
EIV
EVIII
EVII
EVI
EX
Reserved bits (‘RES’) are always read as ‘0’
CANH < -1V
at falling edge TX
TX permanent
dominant detected
CANH permanent
dominant detected
(TXD = ‘0’, t > 1.3ms)
(CANH > 1.8V, t > 1.3ms)
Short circuit CANH to CANL detected
(CANH - CANL > -3.25V, t > 1.3ms)
CANL short
circuit to VS
detected
(CANL > 7.2V,
t > 32us)
CANL permanent
dominant detected
(CANL < 3.1V,
t > 1.3ms)
CANH short
circuit to VS
detected
(CANH > 7.2V,
t > 32us)
Single wire
communication
detected
(edge count
difference > 3)
EI_V : CANH off
EII_IX : CANL off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com