Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4970A Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4970A
Description  10A SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4970A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4970A Datasheet HTML 3Page - STMicroelectronics L4970A Datasheet HTML 4Page - STMicroelectronics L4970A Datasheet HTML 5Page - STMicroelectronics L4970A Datasheet HTML 6Page - STMicroelectronics L4970A Datasheet HTML 7Page - STMicroelectronics L4970A Datasheet HTML 8Page - STMicroelectronics L4970A Datasheet HTML 9Page - STMicroelectronics L4970A Datasheet HTML 10Page - STMicroelectronics L4970A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ELECTRICAL CHARACTERISTICS (continued)
DC CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
V9on
Turn-on Threshold
10
11
12
V
7A
V9 Hyst
Turn-off Hysteresys
1
V
7A
I9Q
Quiescent Current
V12 =0; S1 = D
13
19
mA
7A
I9OQ
Operating Supply Current
V12 = 0; S1 = C; S2 = B
16
23
mA
7A
I7L
Out Leak Current
Vi = 55V; S3 = A; V12 =0
2
mA
7A
SOFT START
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
I12
Soft Start Source Current
V12 = 3V; V11 = 0V
70
100
130
µA7B
V12
Output Saturation Voltage
I12 = 20mA; V9 = 10V
I12 = 200
µA; V9 = 10V
1
0.7
V
V
7B
7B
ERROR AMPLIFIER
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
V10H
High Level Out Voltage
I10 = -100
µA; S1 = C
V11 = 4.7V
6V
7C
V10L
Low Level Out Voltage
I10 = +100
µA; S1 = C
V11 = 5.3V;
1.2
V
7C
I10H
Source Output Current
V10 = 1V; S1 = E
V11 = 4.7V
100
150
µA7C
I10L
Sink Output Current
V10 = 6V; S1 = D
V11 = 5.3V
100
150
µA7C
I11
Input Bias Current
RS = 10K
Ω
0.4
3
µA–
GV
DC Open Loop Gain
VVCM = 4V;
RS =10
Ω
60
dB
–
SVR
Supply Voltage Rejection
15 < Vi < 50V;
RS =10
Ω
60
80
dB
–
VOS
Input Offset Voltage
RS =50
Ω
210
mV
–
RAMP GENERATOR (pin 2)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
V2
Ramp Valley
S1 = C; S2 = B
1.2
1.5
V
7A
V2
Ramp Peak
S1 = C;
Vi = 15V
S2 = B;
Vi = 45V
2.5
5.5
V
V
7A
7A
I2
Min. Ramp Current
S1 = A; I1 = 100
µA
270
300
µA7A
I2
Max. Ramp Current
S1 = A; I1 = 1mA
2.4
2.7
mA
7A
SYNC FUNCTION (pin 13)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
V13
Low Input Voltage
Vi = 15V to 50V; V12 =0;
S1 = C; S2 = B; S4 = B
–0.3
0.9
V
7A
V13
High Input voltage
V12 =0;
S1 = C; S2 = B; S4 = B
3.5
5.5
V
7A
I13L
Sync Input Current with
Low Input Voltage
V13 =V2 = 0.9V; S4 = A;
S1 = C; S2 = B
0.4
mA
7A
I13H
Input Current with High
Input Voltage
V13 = 3.5V; S4 = A;
S1 = C; S2 = B
2mA
7A
V13
Output Amplitude
4
5
V
–
tW
Output Pulse Width
Vthr = 2.5V
0.3
0.5
0.8
µs–
L4970A
7/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com