Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4970A Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4970A
Description  10A SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4970A Datasheet(HTML) 2 Page - STMicroelectronics

  L4970A Datasheet HTML 1Page - STMicroelectronics L4970A Datasheet HTML 2Page - STMicroelectronics L4970A Datasheet HTML 3Page - STMicroelectronics L4970A Datasheet HTML 4Page - STMicroelectronics L4970A Datasheet HTML 5Page - STMicroelectronics L4970A Datasheet HTML 6Page - STMicroelectronics L4970A Datasheet HTML 7Page - STMicroelectronics L4970A Datasheet HTML 8Page - STMicroelectronics L4970A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V9
Input Voltage
55
V
V9
Input Operating Voltage
50
V
V7
Output DC Voltage
Output Peak Voltage at t = 0.1
µs f = 200KHz
-1
-7
V
V
I7
Maximum Output Current
Internally Limited
V6
Bootstrap Voltage
Bootstrap Operating Voltage
65
V9 +15
V
V
V3,V12
Input Voltage at Pins 3, 12
12
V
V4
Reset Output Voltage
50
V
I4
Reset Output Sink Current
50
mA
V5,V10, V11, V13
Input Voltage at Pin 5, 10, 11, 13
7
V
I5
Reset Delay Sink Current
30
mA
I10
Error Amplifier Output Sink Current
1
A
I12
Soft Start Sink Current
30
mA
Ptot
Total Power Dissipation at Tcase < 120
°C30
W
Tj,Tstg
Junction and Storage Temperature
-40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Rth j-amb
Thermal Resistance Junction-case
max
Thermal Resistance Junction-ambient
max
1
35
°C/W
°C/W
L4970A
2/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com