Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4970A Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4970A
Description  10A SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4970A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4970A Datasheet HTML 4Page - STMicroelectronics L4970A Datasheet HTML 5Page - STMicroelectronics L4970A Datasheet HTML 6Page - STMicroelectronics L4970A Datasheet HTML 7Page - STMicroelectronics L4970A Datasheet HTML 8Page - STMicroelectronics L4970A Datasheet HTML 9Page - STMicroelectronics L4970A Datasheet HTML 10Page - STMicroelectronics L4970A Datasheet HTML 11Page - STMicroelectronics L4970A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ELECTRICAL CHARACTERISTICS (continued)
RESET AND POWER FAIL FUNCTIONS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
V11R
Rising Threshold Voltage
(pin 11)
Vi = 15 to 50V
V3 = 5.3V
Vref
–120
Vref
–100
Vref
–80
V
mV
7D
V11F
Falling Threshold Voltage
(pin 11)
Vi = 15 to 50V
V3 = 5.3V
4.77
Vref
–200
Vref
–160
V
mV
7D
V5H
Delay High Threshold
Voltage
Vi = 15 to 50V
V14 =V11
V3 = 5.3V
4.95
5.1
5.25
V
7D
V5L
Delay Low Threshold
Voltage
Vi = 15 to 50V
V14 =V11
V3 = 5.3V
1
1.1
1.2
V
7D
–I5SO
Delay Source Current
V3 = 5.3V; V5 =3V
40
60
80
µA7D
I5SI
Delay Sink Current
V3 = 4.7V; V5 =3V
10
mA
7D
V4S
Out Saturation Voltage
I4 = 15mA; S1 = B
V3 = 4.7V
0.4
V
7D
I4
Output Leak Current
V4 = 50V; S1 = A
V3 = 5.3V
100
µA7D
V3R
Rising Threshold Voltage
V11 =V14
4.95
5.1
5.25
V
7D
V3H
Hysteresys
0.4
0.5
0.6
V
7D
I3
Input Bias Current
1
3
µA7D
Figure 5: Test and Evaluation Board Circuit
TYPICAL PERFORMANCES (using evaluation board) :
n = 83% (Vi = 35V ; Vo =VREF ;Io = 10A ; fSW = 200KHz)
Vo RIPPLE = 30mV (at 10A) with output filter capacitor ESR
≤ 60mΩ
Line regulation = 5mV (Vi = 15 to 50V)
Load regulation = 15mV (Io = 2 to 10A)
For component values, refer to test circuit part list.
L4970A
8/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com