Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4752 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4752
Description  Stereo 11W Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4752 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4752 Datasheet HTML 9Page - National Semiconductor (TI) LM4752 Datasheet HTML 10Page - National Semiconductor (TI) LM4752 Datasheet HTML 11Page - National Semiconductor (TI) LM4752 Datasheet HTML 12Page - National Semiconductor (TI) LM4752 Datasheet HTML 13Page - National Semiconductor (TI) LM4752 Datasheet HTML 14Page - National Semiconductor (TI) LM4752 Datasheet HTML 15Page - National Semiconductor (TI) LM4752 Datasheet HTML 16Page - National Semiconductor (TI) LM4752 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Typical Performance Characteristics (Continued)
Channel Separation
PSRR vs Frequency
10003924
10003925
Supply Current vs
Supply Voltage
Power Derating Curve
10003926
10003927
Power Dissipation vs Output Power
Power Dissipation vs Output Power
10003928
10003929
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com