Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4752 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4752
Description  Stereo 11W Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4752 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4752 Datasheet HTML 1Page - National Semiconductor (TI) LM4752 Datasheet HTML 2Page - National Semiconductor (TI) LM4752 Datasheet HTML 3Page - National Semiconductor (TI) LM4752 Datasheet HTML 4Page - National Semiconductor (TI) LM4752 Datasheet HTML 5Page - National Semiconductor (TI) LM4752 Datasheet HTML 6Page - National Semiconductor (TI) LM4752 Datasheet HTML 7Page - National Semiconductor (TI) LM4752 Datasheet HTML 8Page - National Semiconductor (TI) LM4752 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM4752
Stereo 11W Audio Power Amplifier
General Description
The LM4752 is a stereo audio amplifier capable of delivering
11W per channel of continuous average output power to a
4
Ω load, or 7W per channel into 8Ω using a single 24V
supply at 10% THD+N.
The LM4752 is specifically designed for single supply opera-
tion and a low external component count. The gain and bias
resistors are integrated on chip, resulting in a 11W stereo
amplifier in a compact 7 pin TO220 package. High output
power levels at both 20V and 24V supplies and low external
component count offer high value for compact stereo and TV
applications. A simple mute function can be implemented
with the addition of a few external components.
Key Specifications
n
Output power at 10% THD+N with 1kHz into 4
Ω at
V
CC = 24V:
11W (typ)
n
Output power at 10% THD+N with 1kHz into 8
Ω at
V
CC = 24V:
7W (typ)
n
Closed loop gain:
34dB (typ)
n
P
O at 10% THD+N @ 1 kHz into 4
Ω single-ended
TO-263 package at V
CC = 12V:
2.5W (typ)
n
P
O at 10% THD+N @ 1kHz into 8
Ω bridged TO-263
package at V
CC = 12V:
5W (typ)
Features
n
Drives 4
Ω and 8Ω loads
n
Internal gain resistors (A
V =34dB)
n
Minimum external component requirement
n
Single supply operation
n
Internal current limiting
n
Internal thermal protection
n
Compact 7-lead TO-220 package
n
Low cost-per-watt
n
Wide supply range 9V - 40V
Applications
n
Compact stereos
n
Stereo TVs
n
Mini component stereos
n
Multimedia speakers
Typical Application
10003901
FIGURE 1. Typical Audio Amplifier Application Circuit
August 2000
© 2004 National Semiconductor Corporation
DS100039
www.national.com


Similar Part No. - LM4752

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
logo
Texas Instruments
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
LM4752 TI2-LM4752 Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
REVISED APRIL 2013
logo
National Semiconductor ...
LM4752T NSC-LM4752T Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
LM4752TS NSC-LM4752TS Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
More results

Similar Description - LM4752

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
Stereo 11W Audio Power Amplifier
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
Stereo 11W Audio Power Amplifier with Mute
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S Datasheet
179Kb / 11P
11W11W AMPLIFIER
Jenuary 2000
logo
National Semiconductor ...
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
Stereo 11W Audio Power Amplifier with Mute
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S_04 Datasheet
132Kb / 10P
11W 11W AMPLIFIER
Jan-2004
logo
Texas Instruments
LM4755TS TI1-LM4755TS Datasheet
953Kb / 24P
LM4755 Stereo 11W Audio Power Amplifier with Mute
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
Stereo Audio Power Amplifier
logo
Texas Instruments
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
LM4752 Stereo 11W Audio Power Amplifier
LM4755 TI1-LM4755 Datasheet
1Mb / 29P
LM4755 Stereo 11W Audio Power Amplifier with Mute
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com