Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4752 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4752
Description  Stereo 11W Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4752 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4752 Datasheet HTML 13Page - National Semiconductor (TI) LM4752 Datasheet HTML 14Page - National Semiconductor (TI) LM4752 Datasheet HTML 15Page - National Semiconductor (TI) LM4752 Datasheet HTML 16Page - National Semiconductor (TI) LM4752 Datasheet HTML 17Page - National Semiconductor (TI) LM4752 Datasheet HTML 18Page - National Semiconductor (TI) LM4752 Datasheet HTML 19Page - National Semiconductor (TI) LM4752 Datasheet HTML 20Page - National Semiconductor (TI) LM4752 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Application Information (Continued)
Device parameters from the datasheet:
T
J = 150˚C
Maximum junction temperature
θ
JC = 2˚C/W
Junction-to-case thermal resistance
Calculations:
2
• P
DMAX =2 • [V S
2 /(2 •
π2 • R
L) ] = (24V)
2 /(2 •
π2 •
4
Ω) = 14.6W
θ
SA
≤ [(T
J −TA)/PDMAX]−
θ
JC −
θ
CS = [ (150˚C − 55˚C)
/ 14.6W ] − 2˚C/W − 0.2˚C/W = 4.3˚C/W
Conclusion: Choose a heatsink with
θ
SA
≤ 4.3˚C/W.
TO-263 Heatsink Design Examples
Example 1: (Stereo Single-Ended Output)
Given:
T
A=30˚C
T
J=150˚C
R
L=4
Ω
V
S=12V
θ
JC=2˚C/W
P
DMAX from PD vs PO Graph:
P
DMAX
≈ 3.7W
Calculating P
DMAX:
P
DMAX =VCC
2 /(
π2R
L) = (12V)
2 /
π2(4Ω)) = 3.65W
Calculating Heatsink Thermal Resistance:
θ
SA < [(T J −TA)/PDMAX]−
θ
JC −
θ
CS
θ
SA < 120˚C / 3.7W − 2.0˚C/W − 0.2˚C/W = 30.2˚C/W
Therefore the recommendation is to use 1.5 x 1.5 square
inch of single-sided copper clad.
Example 2: (Stereo Single-Ended Output)
Given:
T
A=50˚C
T
J=150˚C
R
L=4
Ω
V
S=12V
θ
JC=2˚C/W
P
DMAX from PD vs PO Graph:
P
DMAX
≈ 3.7W
Calculating P
DMAX:
P
DMAX =VCC
2 /(
π2R
L) = (12V)
2 /(
π2(4Ω)) = 3.65W
Calculating Heatsink Thermal Resistance:
θ
SA < [(TJ −TA)/PDMAX]−
θ
JC −
θ
CS
θ
SA < 100˚C / 3.7W − 2.0˚C/W − 0.2˚C/W = 24.8˚C/W
Therefore the recommendation is to use 2.0 x 2.0 square
inch of single-sided copper clad.
Example 3: (Bridged Output)
Given:
T
A=50˚C
T
J=150˚C
R
L=8
Ω
V
S=12V
θ
JC=2˚C/W
Calculating P
DMAX:
P
DMAX = 4[VCC
2 /(2
π2R
L)] = 4(12V)
2 /(2
π2(8Ω)) = 3.65W
Calculating Heatsink Thermal Resistance:
θ
SA < [(TJ −TA)/PDMAX]−
θ
JC −
θ
CS
θ
SA < 100˚C / 3.7W − 2.0˚C/W − 0.2˚C/W = 24.8˚C/W
Therefore the recommendation is to use 2.0 x 2.0 square
inch of single-sided copper clad.
Layout and Ground Returns
Proper PC board layout is essential for good circuit perfor-
mance. When laying out a PC board for an audio power
amplifer, particular attention must be paid to the routing of
the output signal ground returns relative to the input signal
and bias capacitor grounds. To prevent any ground loops,
the ground returns for the output signals should be routed
separately and brought together at the supply ground. The
input signal grounds and the bias capacitor ground line
should also be routed separately. The 0.1 µF high frequency
supply bypass capacitor should be placed as close as pos-
sible to the IC.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com