Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4972
Description  2A SWITCHINGREGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4972 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4972 Datasheet HTML 5Page - STMicroelectronics L4972 Datasheet HTML 6Page - STMicroelectronics L4972 Datasheet HTML 7Page - STMicroelectronics L4972 Datasheet HTML 8Page - STMicroelectronics L4972 Datasheet HTML 9Page - STMicroelectronics L4972 Datasheet HTML 10Page - STMicroelectronics L4972 Datasheet HTML 11Page - STMicroelectronics L4972 Datasheet HTML 12Page - STMicroelectronics L4972 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
RESET AND POWER FAIL FUNCTIONS
Symbo l
Parameter
T est Co nd iti ons
Mi n.
T yp.
Max.
Unit
Fig .
V9R
Rising Thereshold Voltage
(pin 9)
Vi = 15 to 50V
V4 = 5.3V
Vref
-130
Vref
-100
Vref
-80
V
mV
7D
V9F
Falling Thereshold Voltage
(pin 9)
Vi = 15 to 50V
V4 = 5.3V
4.77
Vref
-200
Vref
-160
V
mV
7D
V2H
Delay High Threshold Volt.
Vi = 15 to 50V
V4 = 5.3V V9 =V13
4.95
5.1
5.25
V
7D
V2L
Delay Low Threshold Volt.
Vi = 15 to 50V
V4 = 4.7V
V9 =V13
1
1.1
1.2
V
7D
I2SO
Delay Source Current
V4 = 5.3V;
V2 = 3V
306080
µA7D
I2SI
Delay Source Sink Current
V4 = 4.7V; V2 =3V
10
mA
7D
V3S
Output Saturation Voltage
I3 = 15mA; S1 = B V4 = 4.7V
0.4
V
7D
I3
Output Leak Current
V3 = 50V; S1 = A
100
µA7D
V4R
Rising Threshold Voltage
V9 = V13
4.95
5.1
5.25
V
7D
V4H
Hysteresis
0.4
0.5
0.6
V
7D
I4
Input Bias Current
1
3
µA7D
ELECTRICAL CHARACTERISTICS (continued)
F
TYPICAL PERFORMANCES (using evaluation board) :
n = 83% (Vi = 35V ; Vo = VREF ; Io =2A; fsw = 100KHz)
Vo RIPPLE = 30mV (at 1A)
Line regulation = 12mV (Vi = 15 to 50V)
Load regulation = 7mV (Io = 0.5 to 2A)
for component values Refer to the fig. 5 (Part list).
L4972A-L4972AD
9/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com