Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4972
Description  2A SWITCHINGREGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4972 Datasheet(HTML) 2 Page - STMicroelectronics

  L4972 Datasheet HTML 1Page - STMicroelectronics L4972 Datasheet HTML 2Page - STMicroelectronics L4972 Datasheet HTML 3Page - STMicroelectronics L4972 Datasheet HTML 4Page - STMicroelectronics L4972 Datasheet HTML 5Page - STMicroelectronics L4972 Datasheet HTML 6Page - STMicroelectronics L4972 Datasheet HTML 7Page - STMicroelectronics L4972 Datasheet HTML 8Page - STMicroelectronics L4972 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PIN CONNECTION (top view)
THERMAL DATA
Symb ol
Parameter
Po werdi p
SO- 20
Rth j-pins
Rth j-amb
Thermal Resistance Junction-Pins
max
Thermal Resistance Junction-ambient
max
12
°C/W
60
°C/W
16
°C/W
80
°C/W
ABSOLUTE MAXIMUM RATINGS
Symbo l
Parameter
Valu e
Unit
V11
Input Voltage
55
V
V11
Input Operating Voltage
50
V
V20
Output DC Voltage
Output Peak Voltage at t = 0.1
µs f = 200khz
-1
-5
V
V
I20
Maximum Output Current
Internally Limited
VI
Boostrap Voltage
Boostrap Operating Voltage
65
V11 +15
V
V
V4,V8
Input Voltage at Pins 4, 12
12
V
V3
Reset Output Voltage
50
V
I3
Reset Output Sink Current
50
mA
V2,V7,V9,V10
Input Voltage at Pin 2, 7, 9, 10
7
V
I2
Reset Delay Sink Current
30
mA
I7
Error Amplifier Output Sink Current
1
A
I8
Soft Start Sink Current
30
mA
Ptot
Total Power Dissipation at TPINS
≤ 90°C
at T amb =70°C (No copper area on PCB)
5 / 3.75(*)
1.3/1 (*)
W
W
TJ,Tstg
Junction and Storage Temperature
-40 to 150
°C
(*) SO-20
L4972A-L4972AD
2/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com