Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L4972
Description  2A SWITCHINGREGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4972 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L4972 Datasheet HTML 6Page - STMicroelectronics L4972 Datasheet HTML 7Page - STMicroelectronics L4972 Datasheet HTML 8Page - STMicroelectronics L4972 Datasheet HTML 9Page - STMicroelectronics L4972 Datasheet HTML 10Page - STMicroelectronics L4972 Datasheet HTML 11Page - STMicroelectronics L4972 Datasheet HTML 12Page - STMicroelectronics L4972 Datasheet HTML 13Page - STMicroelectronics L4972 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PART LIST
R1 = 30K
Ω
R2 = 10K
Ω
R3 = 15K
Ω
R4 = 30K
Ω
R5 =22
Ω
R6 = 4.7K
Ω
R7 = see table A
R8 = OPTION
R9 = 4.7K
Ω
*C1 =C2 = 1000
µF 63V EYF (ROE)
C3 =C4 =C5 =C6 = 2,2
µF 50V
C7 = 390pF Film
C8 = 22nF MKT 1837 (ERO)
C9 = 2.7nF KP 1830 (ERO)
C10 = 0.33
µF Film
C11 = 1nF
** C12 =C13 =C14 = 100
µF 40V EKR (ROE)
C15 =1
µF Film
D1 = SB 560 (OR EQUIVALENT)
L1 = 150
µH
core 58310 MAGNETICS
45 TURNS 0.91mm (AWG 19)
COGEMA 949181
* 2 capacitors in parallel to increase input RMS current capability.
* * 3 capacitors in parallel to reduce total output ESR.
Note:
In the Test
and Application Circuit for L4972D are not
mounted C2, C14 and R8.
Table B
SUGGESTED BOOSTRAP CAPACITORS
Operatin g F requency
Boo strap Cap.c10
f = 20KHz
≥680nF
f = 50KHz
≥470nF
f = 100KHz
≥330nF
f = 200KHz
≥220nF
f = 500KHz
≥100nF
Figure 6a : Component Layout of fig.5 (1 : 1 scale). Evaluation Board Available (only for DIP version)
Table A
V0
R9
R7
12V
15V
18V
24V
4.7k
Ω
4.7k
Ω
4.7k
Ω
4.7k
Ω
6.2kW
9.1k
Ω
12
Ω
18
Ω
L4972A-L4972AD
10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com