Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4977A Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4977A
Description  7A SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4977A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4977A Datasheet HTML 5Page - STMicroelectronics L4977A Datasheet HTML 6Page - STMicroelectronics L4977A Datasheet HTML 7Page - STMicroelectronics L4977A Datasheet HTML 8Page - STMicroelectronics L4977A Datasheet HTML 9Page - STMicroelectronics L4977A Datasheet HTML 10Page - STMicroelectronics L4977A Datasheet HTML 11Page - STMicroelectronics L4977A Datasheet HTML 12Page - STMicroelectronics L4977A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
PARTS LIST
R1 = 30K
Ω
C1,C2 = 3300
µF 63VL EYF (ROE
R2 = 10K
Ω
C3,C4,C5,C6 = 2.2
µF
R3 = 15K
Ω
C7 = 390pF Film
R4 = 16K
Ω
C8 = 22nF MKT 1817 (ERO)
R5 =22
Ω 0,5W
R6 = 4K7
C9 = 2.2nF KP1830
R7 =10
Ω
C10 = 220nF MKT
R8 = see tab. A
C11 = 2.2nF MP1830
R9 = OPTION
**C12,C13,C14 = 220
µF 40VL EKR
R10 = 4K7
C15 =1
µF Film
R11 =10
Ω
D1 = MBR 1560CT (or 16A/60V or equivalent)
L1 = 40
µH
core 58071 MAGNETICS
27 TURNS Ø 1,3mm (AWG 16)
COGEMA 949178
* 2 capacitors in parallel to increase input RMS current capability
** 3 capacitors in parallel to reduce total output ESR
Table B
SUGGESTED BOOTSTRAP CAPACITORS
Operating Frequency
Bootstrap Cap.c10
f = 20KHz
≥680nF
f = 50KHz
≥470nF
f = 100KHz
≥330nF
f = 200KHz
≥220nF
f = 500KHz
≥100nF
Figure 6a: P.C. Board (components side) and Components Layout of Figure 5 (1:1 scale).
Table A
V0
R9
R7
12V
15V
18V
24V
4.7k
Ω
4.7k
Ω
4.7k
Ω
4.7k
Ω
6.2kW
9.1k
Ω
12k
Ω
18k
Ω
L4977A
9/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com