Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4977A Datasheet (PDF) - STMicroelectronics

L4977A Datasheet PDF - STMicroelectronics
Part # L4977A
Download  L4977A Download
File Size   396.18 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7A SWITCHING REGULATOR

L4977A Datasheet (PDF)

Go To PDF Page Download Datasheet
L4977A Datasheet PDF - STMicroelectronics

Part # L4977A
Download  L4977A Click to download

File Size   396.18 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7A SWITCHING REGULATOR

L4977A Datasheet (HTML) - STMicroelectronics


L4977A Product details

DESCRIPTION

The L4977A is a stepdown monolithic power switching regulator delivering 7A at a voltage variable from 5.1 to 40V.

Realized with BCD mixed technology, the device uses a DMOS output transistor to obtain very high efficiency and very fast switching times. Features of the L4977A include reset and power fail for microprocessors, feed forward line regulation, soft start, limiting current and thermal protection. The device is mounted in a 15-lead multiwatt plastic power package and requires few external components. Efficient operation at switching frequencies up to 500KHz allows reduction in the size and cost of external filter components.



■ 7A OUTPUT CURRENT

■ 5.1V TO 40V OUTPUT VOLTAGE RANGE

■ 0 TO 90% DUTY CYCLE RANGE

■ INTERNAL FEED-FORWARD LINE REGULATION

■ INTERNAL CURRENT LIMITING

■ PRECISE 5.1V ± 2% ON CHIP REFERENCE

■ RESET AND POWER FAIL FUNCTIONS

■ SOFT START

■ INPUT/OUTPUT SYNC PIN

■ UNDER VOLTAGE LOCK OUT WITH HYS TERETIC TURN-ON

■ PWM LATCH FOR SINGLE PULSE PER PERIOD

■ VERY HIGH EFFICIENCY

■ SWITCHING FREQUENCY UP TO 500KHz

■ THERMAL SHUTDOWN

■ CONTINUOUS MODE OPERATION



 




Similar Part No. - L4977A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L497 STMICROELECTRONICS-L497 Datasheet
106Kb / 11P
HALL EFFECT PICKUP IGNITION CONTROLLER
Mar-1998
L4970 STMICROELECTRONICS-L4970 Datasheet
399Kb / 21P
10A SWITCHING REGULATOR
Jun-2000
L4970A STMICROELECTRONICS-L4970A Datasheet
399Kb / 21P
10A SWITCHING REGULATOR
Jun-2000
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L4971 STMICROELECTRONICS-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
More results


Similar Description - L4977A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1450 SANYO-2SB1450 Datasheet
100Kb / 3P
50V/7A Switching Applications
2SB825 SANYO-2SB825 Datasheet
94Kb / 3P
50V/7A Switching Applications
2SB827 SANYO-2SB827 Datasheet
93Kb / 3P
50V/7A Switching Applications
2SB921L SANYO-2SB921L Datasheet
120Kb / 4P
80V/7A Switching Applications
logo
Cherry Semiconductor Co...
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
7A Adjustable Linear Regulator
Rev. 7/8/97
logo
Rohm
2SK2740 ROHM-2SK2740 Datasheet
153Kb / 5P
Switching (600V, 7A)
2SK2299N ROHM-2SK2299N Datasheet
152Kb / 5P
Switching (450V, 7A)
logo
List of Unclassifed Man...
AMC7584 ETC1-AMC7584 Datasheet
344Kb / 7P
7A LOW DROPOUT REGULATOR
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
7A LOW DROPOUT REGULATOR
logo
Rohm
RK9410 ROHM-RK9410 Datasheet
43Kb / 4P
Switching (30V, 7A)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com