Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4977A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4977A
Description  7A SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4977A Datasheet(HTML) 1 Page - STMicroelectronics

  L4977A Datasheet HTML 1Page - STMicroelectronics L4977A Datasheet HTML 2Page - STMicroelectronics L4977A Datasheet HTML 3Page - STMicroelectronics L4977A Datasheet HTML 4Page - STMicroelectronics L4977A Datasheet HTML 5Page - STMicroelectronics L4977A Datasheet HTML 6Page - STMicroelectronics L4977A Datasheet HTML 7Page - STMicroelectronics L4977A Datasheet HTML 8Page - STMicroelectronics L4977A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
L4977A
7A SWITCHING REGULATOR
7A OUTPUT CURRENT
5.1V TO 40V OUTPUT VOLTAGE RANGE
0 TO 90% DUTY CYCLE RANGE
INTERNAL FEED-FORWARD LINE REGULA-
TION
INTERNAL CURRENT LIMITING
PRECISE 5.1V
± 2% ON CHIP REFERENCE
RESET AND POWER FAIL FUNCTIONS
SOFT START
INPUT/OUTPUT SYNC PIN
UNDER VOLTAGE LOCK OUT WITH HYS-
TERETIC TURN-ON
PWM LATCH FOR SINGLE PULSE PER PE-
RIOD
VERY HIGH EFFICIENCY
SWITCHING FREQUENCY UP TO 500KHz
THERMAL SHUTDOWN
CONTINUOUS MODE OPERATION
DESCRIPTION
The L4977A is a stepdown monolithic power
switching regulator delivering 7A at a voltage vari-
able from 5.1 to 40V.
Realized with BCD mixed technology, the device
uses a DMOS output transistor to obtain very high
efficiency and very fast switching times. Features
of the L4977A include reset and power fail for mi-
croprocessors, feed forward line regulation, soft
start, limiting current and thermal protection. The
device is mounted in a 15-lead multiwatt plastic
power package and requires few external compo-
nents. Efficient operation at switching frequencies
up to 500KHz allows reduction in the size and
cost of external filter components.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
June 2000
®
BLOCK DIAGRAM
Multiwatt15V
ORDERING NUMBER: L4977A
MULTIPOWER BCD TECHNOLOGY
1/21


Similar Part No. - L4977A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L497 STMICROELECTRONICS-L497 Datasheet
106Kb / 11P
HALL EFFECT PICKUP IGNITION CONTROLLER
Mar-1998
L4970 STMICROELECTRONICS-L4970 Datasheet
399Kb / 21P
10A SWITCHING REGULATOR
Jun-2000
L4970A STMICROELECTRONICS-L4970A Datasheet
399Kb / 21P
10A SWITCHING REGULATOR
Jun-2000
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L4971 STMICROELECTRONICS-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
More results

Similar Description - L4977A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1450 SANYO-2SB1450 Datasheet
100Kb / 3P
50V/7A Switching Applications
2SB825 SANYO-2SB825 Datasheet
94Kb / 3P
50V/7A Switching Applications
2SB827 SANYO-2SB827 Datasheet
93Kb / 3P
50V/7A Switching Applications
2SB921L SANYO-2SB921L Datasheet
120Kb / 4P
80V/7A Switching Applications
logo
Cherry Semiconductor Co...
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
7A Adjustable Linear Regulator
Rev. 7/8/97
logo
Rohm
2SK2740 ROHM-2SK2740 Datasheet
153Kb / 5P
Switching (600V, 7A)
2SK2299N ROHM-2SK2299N Datasheet
152Kb / 5P
Switching (450V, 7A)
logo
List of Unclassifed Man...
AMC7584 ETC1-AMC7584 Datasheet
344Kb / 7P
7A LOW DROPOUT REGULATOR
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
7A LOW DROPOUT REGULATOR
logo
Rohm
RK9410 ROHM-RK9410 Datasheet
43Kb / 4P
Switching (30V, 7A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com