Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H4RN10FP Datasheet(PDF) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H4RN10FP
Description  N-Channel 100 V MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H4RN10FP Datasheet(HTML) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H4RN10FP Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H4RN10FP Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H4RN10FP Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H4RN10FP Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H4RN10FP Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
( )
Source-drain voltage -V
V
S D
0.5
1.0
1.5
2.0
- 1
10
0
10
1
10
2
10
3
10
Fig.7 Forward characteristic of body diode
0
T =150
°C
J
T =25
°C
J
-25
Fig.8 Drain Current vs. Case Temperature
75
125
175
(
)
Case Temperature-T
°C
C
150
100
50
25
0
-50
180
0
40
80
120
160
20
60
100
140
160
T ﹤175
°C
J
200
1
Fig.9 Safe Operating Area
( )
Drain-Source Voltage-V
V
D S
1E3
1E2
1E1
1E0
0.1
10
100
200
0.01ms
0.1ms
1ms
10ms
100ms
DC
T =25
°C
C
T
=175
°C
J m a x
R
Limited
D S ( o n )
Pulse Width-t (sec)
Fig10. Typical Characteristics
1E-5
1E-4
1E-3
1E-2
1E-1
1E0
1E-3
1E-2
Duty=0.5
Single
Notes:
1. Duty Factor D=t /t
1
2
2. Peak T =P
Z
T
J
D M
t h J C
C
×
+
t2
t1
PDM
1E-6
1E0
1E-1
0.2
0.1
0.05
0.02
www.hxkj.hk
+86-769-23622090
huixin@hxkj.hk
Rev.02
Page 4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com