Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H4RN10FP Datasheet(PDF) 5 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H4RN10FP
Description  N-Channel 100 V MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H4RN10FP Datasheet(HTML) 5 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H4RN10FP Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H4RN10FP Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H4RN10FP Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H4RN10FP Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H4RN10FP Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Package Information
e
A1
E
A
c
c1
E1
L
b1
b
Symbol
A
1.12
0.95
A1
b
E1
c
D
e
H
E
LP
D1
Min
Nom
Max
1.05
0.20
0
0.50
0.35
0.40
3.80
3.40
3.60
0.25
0.18
0.20
4.70
4.44
4.59
4.95
5.10
1.27 BSC
6.35
6.00
6.15
0.85
0.40
0.62
4.45
3.90
4.24
c1
L
b1
4.45
3.70
4.21
0.30
0.23
0.25
5.30
1.30
0.80
1.05
UNIT: mm
LP
LFPAK56E
(
)
Plastic single-ended surface-mounted package LFPAK56E , 4 leads
BACK VIEW
HEAT-SINK PLANE
www.hxkj.hk
+86-769-23622090
huixin@hxkj.hk
Rev.02
Page 5 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com