Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H4RN10FP Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H4RN10FP
Description  N-Channel 100 V MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H4RN10FP Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H4RN10FP Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H4RN10FP Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H4RN10FP Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H4RN10FP Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H4RN10FP Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
H4RN10FP
Features
• Low R
& FOM
(
)
D S o n
• Extremely low switching loss
• Excellent reliability and uniformity
• Fast switching and soft recovery
Product Name
Package
Marking
H4RN10FP
LFPAK56E
Absolute Maximun Ratings
°C
(
)
T =25
unless otherwise specified
J
Marking Information
Parameter
V
A
Unit
VDS
VGS
ID
PD
T ,T
J
S T G
Symbols
Drain-Source Voltage
Gate-Source Voltage
( 1 )
Continuous Drain Current
, T =25°C
C
( 3 )
Power dissipation
, T =25°C
C
Operating Junction and Storage Temperature
100
±20
120
653
294
-55 ~ +175
Value
V
w
°C
A
Applications:
• Hot swap
• Load switch
• Soft start
• E-fuse
• Telecommunication systems based
on a 48 V backplane/supply rail
Packing
Qty.
( 2 )
Pulsed drain current
, T =25 °C
C
120
A
( 1 )
Continuous diode forward current
, T =25°C
C
ID,pulse
EAS
( 5 )
Single pulsed avalanche energy
325
mJ
Thermal Characteristics
Parameter
Unit
Symbols
Thermal Resistance from Junction to Case
Typ.
0.45
°C/W
42
R
θ J C
R
θ J A
( 4 )
Thermal Resistance from Junction to Ambient
IS
653
A
( 2 )
Diode pulsed current , T =25°C
C
IS,pulse
V
= 100 V
D S
(
)
R
= 4.8 mΩ Max
( o n )
D S
(
)
I = 120A T =25°C
D
C
Min.
Max.
0.51
H4RN10FP
N-Channel 100 V MOSFET
LFPAK56E
G-Pin4
S-Pin1,2,3
D-Pin5
G
S
D
S
S
5
1 2
3
4
www.hxkj.hk
+86-769-23622090
huixin@hxkj.hk
Rev.02
Page 1 of 5


Similar Part No. - H4RN10FP

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
H4RN3DF HUIXIN-H4RN3DF Datasheet
467Kb / 5P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - H4RN10FP

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4494M ACE-ACE4494M Datasheet
477Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE2372M ACE-ACE2372M Datasheet
538Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE4010M ACE-ACE4010M Datasheet
541Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE4490M ACE-ACE4490M Datasheet
486Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE18010M04N ACE-ACE18010M04N Datasheet
703Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE6010M70N ACE-ACE6010M70N Datasheet
691Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
045N10A UMW-045N10A Datasheet
1Mb / 7P
100 V N-Channel MOSFET
45N10N3G UMW-45N10N3G Datasheet
1Mb / 9P
100 V N-Channel MOSFET
IRFB4110 UMW-IRFB4110 Datasheet
843Kb / 9P
100 V N-Channel MOSFET
IRFS4410Z UMW-IRFS4410Z Datasheet
531Kb / 9P
100 V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com