Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4978D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4978D
Description  2A STEP DOWN SWITCHING REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4978D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4978D Datasheet HTML 4Page - STMicroelectronics L4978D Datasheet HTML 5Page - STMicroelectronics L4978D Datasheet HTML 6Page - STMicroelectronics L4978D Datasheet HTML 7Page - STMicroelectronics L4978D Datasheet HTML 8Page - STMicroelectronics L4978D Datasheet HTML 9Page - STMicroelectronics L4978D Datasheet HTML 10Page - STMicroelectronics L4978D Datasheet HTML 11Page - STMicroelectronics L4978D Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4 IO(A)
60
65
70
75
80
85
90
η
(%)
D97IN740
VCC=8V
fsw=200KHz
VO=5.1V
VCC=12V
VCC=24V
VCC=48V
Figure 15. Efficiencyvs. output current.
0.0 0.2
0.4
0.6
0.8
1.0
1.2 1.4 IO(A)
55
60
65
70
75
80
85
90
η
(%)
D97IN741
VCC=8V
fsw=200KHz
VO=3.36V
VCC=12V
VCC=24V
VCC=48V
Figure 16. Efficiency vs. output current.
Io=2A
0
102030
40
5060
70
75
80
85
90
Vcc [V]
n [%]
Vo=5.1V fsw=100kHz
Vo=5.1V fsw=200kHz
Vo=3.36V fsw=100kHz
Vo=3.36V fsw=200kHz
Figure 17. Efficiencyvs. Vcc.
Io=0.5A
Io=2A
Io=1A
0
1020304050
60
0
200
400
600
800
1000
Vcc [V]
Pdiss [mW]
Io=1.5A
Vo=5.1V
fsw=100kHz
Figure 18. Power dissipation vs. Vcc.
Io=2A
Io=1A
0
102030
0
200
400
600
800
1000
1200
1400
Vo [V]
Pdiss [mW]
Io=0.5A
Io=1.5A
Vcc=35V
fsw=100kHz
Figure 19. Device Power dissipation vs.Vo
-50 -25
0
25
50
75
100 125 Tj(
°C)
2.3
2.4
2.5
2.6
2.7
2.8
2.9
Ilim
(A)
D97IN747
fsw=100KHz
VCC=35V
Figure 20. Pulse by pulse limiting current vs.
junction temperature.
L4978
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com