Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4978D Datasheet (PDF) - STMicroelectronics

L4978D Datasheet PDF - STMicroelectronics
Part # L4978D
Download  L4978D Download
File Size   135.8 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2A STEP DOWN SWITCHING REGULATOR

L4978D Datasheet (PDF)

Go To PDF Page Download Datasheet
L4978D Datasheet PDF - STMicroelectronics

Part # L4978D
Download  L4978D Click to download

File Size   135.8 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2A STEP DOWN SWITCHING REGULATOR

L4978D Datasheet (HTML) - STMicroelectronics


L4978D Product details

DESCRIPTION
The L4978 is a step down monolithic power switching regulator delivering 2A at a voltage between 3.3V and 50V (selected by a simple external divider). Realized in BCD mixed technology, the device uses an internal power D-MOS transistor (with a typical Rdson of 0.25Ω) to obtain very high efficency and high switching speed.
   
Features
■ UP TO 2A STEP DOWN CONVERTER
■ OPERATING INPUT VOLTAGE FROM 8V TO
    55V
■ PRECISE 3.3V (±1%) INTERNAL
    REFERENCE VOLTAGE
■ OUTPUT VOLTAGE ADJUSTABLE FROM
    3.3V TO 50V
■ SWITCHING FREQUENCY ADJUSTABLE UP
    TO 300KHz
■ VOLTAGE FEEDFORWARD
■ ZERO LOAD CURRENT OPERATION
■ INTERNAL CURRENT LIMITING (PULSEBYPULSE AND HICCUP MODE)
■ INHIBIT FOR ZERO CURRENT
    CONSUMPTION
■ PROTECTION AGAINST FEEDBACK
    DISCONNECTION
■ THERMAL SHUTDOWN
■ SOFT START FUNCTION
   




Similar Part No. - L4978D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978D STMICROELECTRONICS-L4978D Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
L4978D013TR STMICROELECTRONICS-L4978D013TR Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
More results


Similar Description - L4978D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
2A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
L5973AD STMICROELECTRONICS-L5973AD Datasheet
185Kb / 14P
2A SWITCH STEP DOWN SWITCHING REGULATOR
Rev. 3
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
600kHz, 2A Step-Down Switching Regulator
SC4524B SEMTECH-SC4524B Datasheet
770Kb / 18P
16V 2A Step-Down Switching Regulator
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A_08 Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
logo
Samtec, Inc
SC4524CSETRT SAMTEC-SC4524CSETRT Datasheet
573Kb / 22P
28V 2A Step-Down Switching Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com