Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4978D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4978D
Description  2A STEP DOWN SWITCHING REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4978D Datasheet(HTML) 3 Page - STMicroelectronics

  L4978D Datasheet HTML 1Page - STMicroelectronics L4978D Datasheet HTML 2Page - STMicroelectronics L4978D Datasheet HTML 3Page - STMicroelectronics L4978D Datasheet HTML 4Page - STMicroelectronics L4978D Datasheet HTML 5Page - STMicroelectronics L4978D Datasheet HTML 6Page - STMicroelectronics L4978D Datasheet HTML 7Page - STMicroelectronics L4978D Datasheet HTML 8Page - STMicroelectronics L4978D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS (Tj =25
°C, Cosc = 2.7nF, Rosc = 20kΩ,VCC = 24V, unless other-
wise specified.) * Specification Refered to Tj from 0 to 125
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Dynamic Characteristic
VI
Operating input voltage range
Vo = 3.3 to 50V; Io =2A
855
V
Vo
Output voltage
Io = 0.5A
3.33
3.36
3.39
V
Io = 0.2 to 2A
3.292
3.36
3.427
V
Vcc = 8 to 55V
3.22
3.36
3.5
V
Vd
Dropout voltage
Vcc = 10V; Io = 2A
0.58
0.733
V
1.173
V
Il
Maximum limiting current
Vcc = 8 to 55V
2.5
3
3.5
A
Efficiency
Vo = 3.3V; Io =2A
87
%
fs
Switching frequency
90
100
110
KHz
SVRR
Supply voltage ripple rejection
Vi =Vcc+2VRMS;Vo =Vref;
Io = 2.5A; f ripple = 100Hz
60
dB
Voltage stability of switching
frequency
Vcc = 8 to 55V
3
6
%
Temp. stability of switching
frequency
Tj = 0 to 125
°C4
%
Soft Start
Soft start charge current
30
40
50
µA
Soft start discharge current
6
10
14
µA
Inhibit
VLL
Low level voltage
0.9
V
IsLL
Isource Low level
515
µA
THERMAL DATA
Symbol
Parameter
Minidip
SO16
Unit
Rth(j-amb)
Thermal Resistance Junction to ambient
Max.
90 (*)
110 (*)
°C/W
(*) Package mounted on board.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Minidip
S016
V5
V11
Input voltage
58
V
V4
V5,V6
Output DC voltage
Output peak voltage at t = 0.1
µs f=200KHz
-1
-5
V
V
I4
I5,I6
Maximum output current
int. limit.
V6-V5
V12-V11
14
V
V6
V12
Bootstrap voltage
70
V
V7
V13
Analogs input voltage (VCC = 24V)
12
V
V2
V3
Analogs input voltage (VCC = 24V)
13
V
V8
V14
(VCC = 20V)
6
-0.3
V
V
Ptot
Power dissipation a Tamb
≤ 60°C
Minidip
1W
SO16
0.8
W
Tj,Tstg
Junction and storage temperature
-40 to 150
°C
L4978
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com