Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5170 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5170
Description  OCTAL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5170 Datasheet(HTML) 1 Page - STMicroelectronics

  L5170 Datasheet HTML 1Page - STMicroelectronics L5170 Datasheet HTML 2Page - STMicroelectronics L5170 Datasheet HTML 3Page - STMicroelectronics L5170 Datasheet HTML 4Page - STMicroelectronics L5170 Datasheet HTML 5Page - STMicroelectronics L5170 Datasheet HTML 6Page - STMicroelectronics L5170 Datasheet HTML 7Page - STMicroelectronics L5170 Datasheet HTML 8Page - STMicroelectronics L5170 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
L5170
OCTAL LINE DRIVER
ADVANCE DATA
OCTAL LINE DRIVER FOR:
– EIA STD: RS232D; RS423A
– CCIT: V.10; V.28
NO EXTERNAL COMPONENTS
VERY LONG TRANSMISSION LINE (5000ft)
50V EOS OUTPUT PROTECTION
DESCRIPTION
L5170 is an octal line driver unit in DIP28 and
PLCC28 packages intended for use in the EIA std
RS232D, RS423A and CCITT V.10 and V.28 ap-
plications.
With no external components L5170 is able to
drive a line up to 5000ft assuming the line capaci-
tance is 35pF per ft and the capacitance of the fil-
ter connectors/protection components add up to
the total capacitance load. The drivers typically
run in short circuit current mode whenever the ca-
ble attached is over 500ft.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
March 1993
DIP28
PLCC28
ORDERING NUMBERS:
L5170A
L5170D
BLOCK DIAGRAM
1/9


Similar Part No. - L5170

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L517A GILWAY-L517A Datasheet
111Kb / 2P
MR11 Halogen Lamps with Dichroic Reflectors
L517A-G GILWAY-L517A-G Datasheet
44Kb / 1P
MR11 and MR16 Halogen Lamps with Gold Coated Reflectors
More results

Similar Description - L5170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5170C TI-UC5170C Datasheet
243Kb / 5P
Octal Line Driver
UC5171 TI-UC5171 Datasheet
240Kb / 5P
Octal Line Driver
UC5172 TI-UC5172 Datasheet
241Kb / 5P
Octal Line Driver
UC5170CQ TI-UC5170CQ Datasheet
262Kb / 9P
Octal Line Driver
UC5170C TI1-UC5170C_15 Datasheet
262Kb / 9P
Octal Line Driver
UC5171 TI1-UC5171_08 Datasheet
246Kb / 5P
Octal Line Driver
UC5172 TI1-UC5172_10 Datasheet
257Kb / 6P
Octal Line Driver
logo
ON Semiconductor
74VHC244 ONSEMI-74VHC244 Datasheet
205Kb / 10P
Octal Buffer/Line Driver
Revised April 2005
74VHCT244A ONSEMI-74VHCT244A Datasheet
237Kb / 11P
Octal Buffer/Line Driver
May 2007 Rev. 1.3
74VHCT541A ONSEMI-74VHCT541A Datasheet
204Kb / 9P
Octal Buffer/Line Driver
Revised April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com