Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5170 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L5170
Description  OCTAL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5170 Datasheet(HTML) 4 Page - STMicroelectronics

  L5170 Datasheet HTML 1Page - STMicroelectronics L5170 Datasheet HTML 2Page - STMicroelectronics L5170 Datasheet HTML 3Page - STMicroelectronics L5170 Datasheet HTML 4Page - STMicroelectronics L5170 Datasheet HTML 5Page - STMicroelectronics L5170 Datasheet HTML 6Page - STMicroelectronics L5170 Datasheet HTML 7Page - STMicroelectronics L5170 Datasheet HTML 8Page - STMicroelectronics L5170 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AC ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
tlz
Output Enable to Output
(see figure 4B)
RL = 450
Ω;CL = 50pF
Rslew = 10K
Ω
5
µs
tnz
5
µs
tzl
150
µs
tzh
150
µs
tplh
Propagation (see figure 4C)
RL = 450
Ω;CL = 50pF
Rslew =2K
Ω
0.3
0.9
µs
tph1
0.3
0.9
µs
LINE TRANSIENT IMMUNITY (Considering the following cases: Powered ON, Powered OFF-Low im-
pedance power supply and Powered OFF-High impedance supply).
ESD
Elettrostatic Discharge
Tested per MIL-STD-883
(see note 6)
2KV
EOS
Electrical Overstress
Transient pulse both polarities
for 100
µs (see note 7)
50
V
Note 3: The output leakage is measured under the following conditions:
a) The Driver tristated
b) Power supply OFF, and the power pins shorted to Ground
c) Power supply OFF. Impedances between power pins open and power pins shorted to Ground.
Note 4: The output waveform should not show any signs of oscillations under any load variation between o.1VVss and 0.9Vss. The oscillation
allowed when VSS < 0.1VSS and Vss >0.9Vss shall be 10% of Vss.
Note 5: tfc1 thru trc4 shall be within
±20% of trc1 thru trc4 respectively.
Note 6: All pins are required to withstand parameter.
Note 7: Output pins are required to withstand fig.5 without any degradation to the circuit.
TEST CIRCUIT
L5170
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com