Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5170 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5170
Description  OCTAL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5170 Datasheet(HTML) 3 Page - STMicroelectronics

  L5170 Datasheet HTML 1Page - STMicroelectronics L5170 Datasheet HTML 2Page - STMicroelectronics L5170 Datasheet HTML 3Page - STMicroelectronics L5170 Datasheet HTML 4Page - STMicroelectronics L5170 Datasheet HTML 5Page - STMicroelectronics L5170 Datasheet HTML 6Page - STMicroelectronics L5170 Datasheet HTML 7Page - STMicroelectronics L5170 Datasheet HTML 8Page - STMicroelectronics L5170 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AC ELECTRICAL CHARACTERISTICS (VCC = 9 to 11V; VEE = – 9 to – 11V Tamb =0 to 70
°C, unless
otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VOH
High Level Output Voltage
Vin = 0.8V
RL = inf
RL =3K
Ω
RL = 450
Ω (see note 1)
5
5
4.5
6
6
6
V
V
V
VOL
Low Level Output Voltage
Vin = 2.4V
RL = inf
RL =3K
Ω
RL = 450
Ω (see note 1)
–6
–6
–6
–5
–5
– 4.5
V
V
V
VOl
Output Voltage Balance
|VCC|= |VEE|; RL = 450
Ω
0.4
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
0.8
V
VIK
Input Clamp Voltage
IIN = – 15mA
– 1.5
V
IIH
High Level Input Current
VIN = 2.4V
40
µA
IIL
Low Level Input Current
VIN = 0.4V
– 400
µA
ICC
Positive Supply Current
VIN = 2.4V; RS =2K
Ω;RL =3KΩ
CL = 2.5nF; (See note 2)
30
mA
ICC1
Positive Supply Current
VIN = 0.4V; RS =2K
Ω;RL =3KΩ
CL = 2.5nF; (See note 2)
40
mA
IEE
Negative Supply Current
VIN = 2.4V; RS =2K
Ω;RL =3KΩ
CL = 2.5nF; (See note 2)
–30
mA
IEE1
Negative Supply Current
VIN = 0.4V; RS =2K
Ω;RL =3KΩ
CL = 2.5nF; (See note 2)
–40
mA
Ish
Output Short Circuit Current
VO = 0V; VIN = 2.4V; (see fig.1)
25
100
mA
Isl
Output Short Circuit Current
VO = 0V; VIN = 2.4V; (see fig.1)
– 100
– 25
mA
Ibal
Output Current Balance
Ish/Isl = Ibal
0.625
1.6
mA/mA
Ix
Output Leakage Current
See fig.2,3 and note 3
VO =6V
VO = – 6V
– 70
70
µA
µA
tr
Rise time (see note 4 and 5; see
figure 4A)
RL = 450
Ω;CL = 50pF
Rslew = 5.34K
Ω ±1%
2
2.7
µs
trc1
RL = 450
Ω;CL = 0.01µF
Rslew = 10K
Ω ±1%
10
µs
trc2
RL = 450
Ω;CL = 0.1µF
Rslew = 10K
Ω ±1%
50
µs
trc3
RL = 450
Ω;CL = 2.5nF
Rslew =2K
Ω ±1%
0.65
1.2
µs
trc4
RL = 450
Ω;CL = 2.5nF
Rslew = 10K
Ω ±1%
3.25
6
µs
tf
Fall time (see note 4 and 5; see
figure 4A)
RL = 450
Ω;CL = 50pF
Rslew = 5.34K
Ω ±1%
2
2.7
µs
tfc1
RL = 450
Ω;CL = 0.01µF
Rslew = 10K
Ω ±1%
10
µs
tfc2
RL = 450
Ω;CL = 0.1µF
Rslew = 10K
Ω ±1%
50
µs
tfc3
RL = 450
Ω;CL = 2.5nF
Rslew =2K
Ω ±1%
0.65
1.2
µs
tfc4
RL = 450
Ω;CL = 2.5nF
Rslew = 10K
Ω ±1%
3.25
6
µs
Note 1: The Output under load must not drop below 90% of the open circuit drive level.
Note 2: This represents the static condition only. Applications can see 130mA normal current draw for clock and data lines with up to 500mA
transients when all lines are transitioning at the same time. Over 500ft of cable slew rate is governed by the drivers ability to sink current.
The currents are rougly equivalent to the short circuit current.
L5170
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com