Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97 Datasheet(PDF) 4 Page - Analog Devices

Part # OP97
Description  Low Power, High Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97 Datasheet(HTML) 4 Page - Analog Devices

  OP97 Datasheet HTML 1Page - Analog Devices OP97 Datasheet HTML 2Page - Analog Devices OP97 Datasheet HTML 3Page - Analog Devices OP97 Datasheet HTML 4Page - Analog Devices OP97 Datasheet HTML 5Page - Analog Devices OP97 Datasheet HTML 6Page - Analog Devices OP97 Datasheet HTML 7Page - Analog Devices OP97 Datasheet HTML 8Page - Analog Devices OP97 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP97
Rev. F | Page 4 of 16
VS = ±15 V, VCM = 0 V, −40°C ≤ TA ≤ +85°C for the OP97E/OP97F, unless otherwise noted.
Table 2.
OP97E
OP97F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
25
60
60
200
μV
Average Temperature
TCVOS
S suffix
0.2
0.6
0.3
2.0
μV/°C
Coefficient of VOS
0.3
Input Offset Current
IOS
60
250
80
750
pA
Average Temperature
TCIOS
0.4
2.5
0.6
7.5
pA/°C
Coefficient of IOS
Input Bias Current
IB
±60
±250
±80
±750
pA
Average Temperature
Coefficient of IB
TCIB
0.4
2.5
0.6
7.5
pA/°C
Large Signal Voltage Gain
AVO
VO = 10 V; RL = 2 kΩ
200
1000
150
1000
V/mV
Common-Mode Rejection
CMR
VCM = ±13.5 V
108
128
108
128
dB
Power Supply Rejection
PSR
VS = ±2.5 V to ±20 V
108
126
108
128
dB
Input Voltage Range1
IVR
±13.5
±14.0
±13.5
±14.0
V
Output Voltage Swing
VO
RL = 10 kΩ
±13
±14
±13
±14
V
Slew Rate
SR
0.05
0.15
0.05
0.15
V/μs
Supply Current
ISY
400
800
400
800
μA
Supply Voltage
VS
Operating range
±2.5
±15
±20
±2.5
±15
±20
V
1 Guaranteed by CMR test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com