Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97 Datasheet(PDF) 5 Page - Analog Devices

Part # OP97
Description  Low Power, High Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97 Datasheet(HTML) 5 Page - Analog Devices

  OP97 Datasheet HTML 1Page - Analog Devices OP97 Datasheet HTML 2Page - Analog Devices OP97 Datasheet HTML 3Page - Analog Devices OP97 Datasheet HTML 4Page - Analog Devices OP97 Datasheet HTML 5Page - Analog Devices OP97 Datasheet HTML 6Page - Analog Devices OP97 Datasheet HTML 7Page - Analog Devices OP97 Datasheet HTML 8Page - Analog Devices OP97 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OP97
Rev. F | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings apply to both DICE and packaged
parts, unless otherwise noted.
Table 3.
Parameter
Rating
Supply Voltage
±20 V
Input Voltage1
±20 V
Differential Input Voltage2
±1 V
Differential Input Current2
±10 mA
Output Short-Circuit Duration
Indefinite
Operating Temperature Range
OP97E, OP97F (P, S)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1 For supply voltages less than ±20 V, the absolute maximum input voltage is
equal to the supply voltage.
2 The inputs of the OP97 are protected by back-to-back diodes. Current-
limiting resistors are not used in order to achieve low noise. Differential
input voltages greater than 1 V cause excessive current to flow through the
input protection diodes unless limiting resistance is used.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4.
Package Type
θJA1
θJC
Unit
8-Lead PDIP (P Suffix)
103
43
°C/W
8-Lead SOIC (S Suffix)
158
43
°C/W
1 θJA is specified for worst-case mounting conditions, that is, θJA is specified for
device in socket for PDIP package; θJA is specified for device soldered to
printed circuit board for SOIC package.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com