Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97 Datasheet(PDF) 3 Page - Analog Devices

Part # OP97
Description  Low Power, High Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97 Datasheet(HTML) 3 Page - Analog Devices

  OP97 Datasheet HTML 1Page - Analog Devices OP97 Datasheet HTML 2Page - Analog Devices OP97 Datasheet HTML 3Page - Analog Devices OP97 Datasheet HTML 4Page - Analog Devices OP97 Datasheet HTML 5Page - Analog Devices OP97 Datasheet HTML 6Page - Analog Devices OP97 Datasheet HTML 7Page - Analog Devices OP97 Datasheet HTML 8Page - Analog Devices OP97 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OP97
Rev. F | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 1.
OP97E
OP97F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
10
25
30
75
μV
Long-Term Offset
Voltage Stability
ΔVOS/Time
0.3
0.3
μV/month
Input Offset Current
IOS
30
100
30
150
pA
Input Bias Current
IB
±30
±100
±30
±150
pA
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
0.5
0.5
μV p-p
Input Noise Voltage Density
en
fO = 10 Hz1
17
30
17
30
nV/√Hz
fO = 1000 Hz2
14
22
14
22
nV/√Hz
Input Noise Current Density
in
fO = 10 Hz
20
20
fA/√Hz
Large Signal Voltage Gain
AVO
VO = ±10 V; RL = 2 kΩ
300
2000
200
2000
V/mV
Common-Mode Rejection
CMR
VCM = ±13.5 V
114
132
110
132
dB
Input Voltage Range3
IVR
±13.5
±14.0
±13.5
±14.0
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 10 kΩ
±13
±14
±13
±14
V
Differential Input Resistance4
RIN
30
30
MΩ
POWER SUPPLY
Power Supply Rejection
PSR
VS = ±2 V to ±20 V
114
132
110
132
dB
Supply Current
ISY
380
600
380
600
μA
Supply Voltage
VS
Operating range
±2
±15
±20
±2
±15
±20
V
DYNAMIC PERFORMANCE
Slew Rate
SR
0.1
0.2
0.1
0.2
V/μs
Closed-Loop Bandwidth
BW
AVCL = 1
0.4
0.9
0.4
0.9
MHz
1 10 Hz noise voltage density is sample tested. Devices 100% tested for noise are available on request.
2 Sample tested.
3 Guaranteed by CMR test.
4 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com