Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97FS Datasheet(PDF) 7 Page - Analog Devices

Part # OP97FS
Description  Low Power, High Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97FS Datasheet(HTML) 7 Page - Analog Devices

Back Button OP97FS Datasheet HTML 3Page - Analog Devices OP97FS Datasheet HTML 4Page - Analog Devices OP97FS Datasheet HTML 5Page - Analog Devices OP97FS Datasheet HTML 6Page - Analog Devices OP97FS Datasheet HTML 7Page - Analog Devices OP97FS Datasheet HTML 8Page - Analog Devices OP97FS Datasheet HTML 9Page - Analog Devices OP97FS Datasheet HTML 10Page - Analog Devices OP97FS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OP97
Rev. F | Page 7 of 16
1000
100
10
1
1k
3k
10k
30k
100k
300k
1M
3M
10M
SOURCE RESISTANCE (Ω)
BALANCED OR UNBALANCED
VS = ±15V
VCM = 0V
–55°C ≤ TA ≤ +125°C
TA = 25°C
Figure 8. Effective Offset Voltage vs. Source Resistance
100
10
1
0.1
1k
10k
100k
1M
10M
100M
SOURCE RESISTANCE (Ω)
BALANCED OR UNBALANCED
VS = ±15V
VCM = 0V
Figure 9. Effective TCVOS vs. Source Resistance
20
15
10
5
0
–5
–10
–15
–20
012
TIME FROM OUTPUT SHORT (Minutes)
3
TA = +25°C
TA = +25°C
TA = –55°C
TA = –55°C
TA = +125°C
TA = +125°C
VS = ±15V
OUTPUT SHORTED TO GROUND
Figure 10. Short-Circuit Current vs. Time, Temperature
450
425
400
375
350
325
300
0
5
10
15
20
SUPPLY VOLTAGE (±V)
TA = +25°C
TA = –55°C
TA = +125°C
NO LOAD
Figure 11. Supply Current vs. Supply Voltage
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
TA = 25°C
VS =±15V
VCM = ±10V
Figure 12. Common-Mode Rejection vs. Frequency
140
120
100
80
60
40
20
1
0.1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
TA = 25°C
VS =±15V
ΔVS =10V p-p
–PSR
+PSR
Figure 13. Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com