Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97FS Datasheet(PDF) 10 Page - Analog Devices

Part # OP97FS
Description  Low Power, High Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97FS Datasheet(HTML) 10 Page - Analog Devices

Back Button OP97FS Datasheet HTML 6Page - Analog Devices OP97FS Datasheet HTML 7Page - Analog Devices OP97FS Datasheet HTML 8Page - Analog Devices OP97FS Datasheet HTML 9Page - Analog Devices OP97FS Datasheet HTML 10Page - Analog Devices OP97FS Datasheet HTML 11Page - Analog Devices OP97FS Datasheet HTML 12Page - Analog Devices OP97FS Datasheet HTML 13Page - Analog Devices OP97FS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP97
Rev. F | Page 10 of 16
80
60
40
20
0
–20
90
135
180
225
–40
–60
10M
100
1k
10k
100k
1M
FREQUENCY (Hz)
TA = +25°C
TA = –55°C
TA = –55°C
TA = +125°C
TA = +125°C
GAIN
PHASE
VS = ±15V
CL = 20pF
RL = 1MΩ
100pF OVERCOMPENSATION
Figure 26. Open-Loop Gain, Phase vs. Frequency (COC = 1000 pF)
80
60
40
20
0
–20
90
135
180
225
–40
–60
10M
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN
PHASE
VS = ±15V
CL = 20pF
RL = 1MΩ
100pF OVERCOMPENSATION
TA = +25°C
TA = –55°C
TA = –55°C
TA = +125°C
TA = +125°C
Figure 27. Open-Loop Gain, Phase vs. Frequency (COC = 10,000 pF)
1k
0.1
1
0.01
0.001
110
10k
1k
100
100k
10
100
FREQUENCY (Hz)
TA = 25°C
VS =±15V
AVCL = 1
AVCL = 1000
Figure 28. Closed-Loop Output Resistance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com