Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97FS Datasheet(PDF) 8 Page - Analog Devices

Part # OP97FS
Description  Low Power, High Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97FS Datasheet(HTML) 8 Page - Analog Devices

Back Button OP97FS Datasheet HTML 4Page - Analog Devices OP97FS Datasheet HTML 5Page - Analog Devices OP97FS Datasheet HTML 6Page - Analog Devices OP97FS Datasheet HTML 7Page - Analog Devices OP97FS Datasheet HTML 8Page - Analog Devices OP97FS Datasheet HTML 9Page - Analog Devices OP97FS Datasheet HTML 10Page - Analog Devices OP97FS Datasheet HTML 11Page - Analog Devices OP97FS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP97
Rev. F | Page 8 of 16
10k
1k
100
12
5
10
LOAD RESISTANCE (kΩ)
20
VS = ±15V
VO = ±10V
TA = +25°C
TA = –55°C
TA = +125°C
Figure 14. Open-Loop Gain vs. Load Resistance
1k
100
10
1
1k
100
10
1
1
10
100
1k
FREQUENCY (Hz)
TA = 25°C
VS = ±2V TO ±20V
CURRENT NOISE
VOLTAGE NOISE
1/1 CORNER
2.5Hz
1/1 CORNER
120Hz
Figure 15. Noise Density vs. Frequency
10
1
0.1
0.01
100
1k
10k
100k
1M
10M
100M
SOURCE RESISTANCE (Ω)
TA = 25°C
VS = ±2V TO ±20V
1kHz
10Hz
RESISTOR NOISE
R
R
RS = 2R
Figure 16. Total Noise Density vs. Source Resistance
–15
5
0
–5
–10
10
15
OUTPUT VOLTAGE (V)
TA = +25°C
TA = +125°C
TA = –55°C
RL = 10kΩ
VS = ±15V
VCM = 0V
Figure 17. Open-Loop Gain Linearity
35
30
25
20
15
10
5
0
10
100
1k
10k
LOAD RESISTANCE (Ω)
TA = 25°C
VS = ±15V
AVCL = +1
1% THD
fO = 1kHz
Figure 18. Maximum Output Swing vs. Load Resistance
35
30
25
20
15
10
5
0
100
1k
10k
100k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
AVCL = +1
1% THD
RL = 10kΩ
Figure 19. Maximum Output Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com