Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L5973
Description  2.5A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973 Datasheet(HTML) 2 Page - STMicroelectronics

  L5973 Datasheet HTML 1Page - STMicroelectronics L5973 Datasheet HTML 2Page - STMicroelectronics L5973 Datasheet HTML 3Page - STMicroelectronics L5973 Datasheet HTML 4Page - STMicroelectronics L5973 Datasheet HTML 5Page - STMicroelectronics L5973 Datasheet HTML 6Page - STMicroelectronics L5973 Datasheet HTML 7Page - STMicroelectronics L5973 Datasheet HTML 8Page - STMicroelectronics L5973 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
L5973D
2/10
PIN CONNECTION
PIN DESCRIPTION
THERMAL DATA
(*) Package mounted on board
ABSOLUTE MAXIMUM RATINGS
N°
Pin
Function
1
OUT
Regulator Output.
2
SYNC
Master/slave synchronization.
3
INH
A logical signal (active high) disables the device. If INH not used the pin must be grounded.
When it is open an internal pull-up disable the device.
4
COMP
E/A output for frequency compensation.
5
FB
Feedback input. Connecting directly to this pin results in an output voltage of 1.23V. An external
resistive divider is required for higher output voltages.
6
VREF
3.3V VREF. No cap is requested for stability.
7
GND
Ground.
8
VCC
Unregulated DC input voltage.
Symbol
Parameter
Value
Unit
Rth (j-amb)
Thermal Resistance Junction to ambient
Max.
40 (*)
°C/W
Symbol
Parameter
Value
Unit
V8
Input Voltage
40
V
V1
Output DC voltage
Output peak voltage at t = 0.1
µs
-1 to 40
-5 to 40
V
V
I1
Maximum output current
int. limit.
V4, V5
Analog pins
4
V
V3
INH
-0.3V to VCC
V2
SYNC
-0.3 to 4
V
Ptot
Power dissipation at Tamb ≤ 60°C
2.25
W
Tj
Operating junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-55 to 150
°C
OUT
SYNC
INH
COMP
1
3
2
4
VCC
VREF
GND
FB
8
7
6
5
D98IN955



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com