Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L5973
Description  2.5A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973 Datasheet(HTML) 4 Page - STMicroelectronics

  L5973 Datasheet HTML 1Page - STMicroelectronics L5973 Datasheet HTML 2Page - STMicroelectronics L5973 Datasheet HTML 3Page - STMicroelectronics L5973 Datasheet HTML 4Page - STMicroelectronics L5973 Datasheet HTML 5Page - STMicroelectronics L5973 Datasheet HTML 6Page - STMicroelectronics L5973 Datasheet HTML 7Page - STMicroelectronics L5973 Datasheet HTML 8Page - STMicroelectronics L5973 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
L5973D
4/10
Figure 1. Line Regulation
Figure 2. Output Voltage vs. Junction
Temperature
Figure 3. Quiescent Current vs. Junction
Temperature
Figure 4. Shutdown Current vs.Junction
Temperature
Figure 5. Switching Frequency vs.Junction
Temperature
3.276
3.28
3.284
3.288
3.292
3.296
3.3
3.304
3.308
3.312
010
20
30
40
Vcc (V)
Tj = 125°C
Tj = 25°C
Vcc = 12V
Vo = 3.3V
Vo (V)
Tj (°C)
Vcc=12V
1.2
1.21
1.22
1.23
1.24
1.25
-50
0
50
100
150
Vo (V)
Vcc = 12V
1.2
1.4
1.6
1.8
2
-50
050
100
150
Tj (°C)
Iq (mA)
Vcc = 12V
DC = 0%
30
40
50
60
70
-50
0
50
100
150
Ishd (
µA)
Vcc = 12V
Tj (°C)
220
230
240
250
260
-50
0
50
100
150
Tj (°C)
Fsw (KHz)
Vcc = 12V
Vo = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com