Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5973 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5973
Description  2.5A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973 Datasheet(HTML) 5 Page - STMicroelectronics

  L5973 Datasheet HTML 1Page - STMicroelectronics L5973 Datasheet HTML 2Page - STMicroelectronics L5973 Datasheet HTML 3Page - STMicroelectronics L5973 Datasheet HTML 4Page - STMicroelectronics L5973 Datasheet HTML 5Page - STMicroelectronics L5973 Datasheet HTML 6Page - STMicroelectronics L5973 Datasheet HTML 7Page - STMicroelectronics L5973 Datasheet HTML 8Page - STMicroelectronics L5973 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
L5973D
APPLICATION CIRCUIT
In figure 6 is shown the demo board application circuit, where the input supply voltage, Vcc, can range from 4.4V
to 25V due to the rated voltage of the input capacitor and the output voltage is adjustable from 1.235V to Vcc.
Figure 6. Demo board Application Circuit
Table 1. Component List
Reference
Part Number
Description
Manufacturer
C1
10
µF, 25V
TOKIN
C2
POSCAP 6TPB330M
330
µF, 6.3V
Sanyo
C3
C1206C221J5GAC
220pF, 5%, 50V
KEMET
C4
C1206C223K5RAC
22nF, 10%, 50V
KEMET
R1
5.6K, 1%, 0.1W 0603
Neohm
R2
3.3K, 1%, 0.1W 0603
Neohm
R3
4.7K, 1%, 0.1W 0603
Neohm
D1
STPS2L25U
2A, 25V
ST
L1
DO3316P-153
15
µH, 3A
COILCRAFT
D03IN1440
8
4
5
1
7
L5973D
C1
10
µF
25V
CERAMIC
C2
330
µF
6.3V
VOUT=3.3V
VIN = 4.4V to 25V
R1
5.6K
R2
3.3K
R3
4.7K
C4
22nF
C3
220pF
3
L1 15
µH
D1
STPS2L25U
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com