Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28329PVC Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # CY28329PVC
Description  133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28329PVC Datasheet(HTML) 1 Page - SpectraLinear Inc

  CY28329PVC Datasheet HTML 1Page - SpectraLinear Inc CY28329PVC Datasheet HTML 2Page - SpectraLinear Inc CY28329PVC Datasheet HTML 3Page - SpectraLinear Inc CY28329PVC Datasheet HTML 4Page - SpectraLinear Inc CY28329PVC Datasheet HTML 5Page - SpectraLinear Inc CY28329PVC Datasheet HTML 6Page - SpectraLinear Inc CY28329PVC Datasheet HTML 7Page - SpectraLinear Inc CY28329PVC Datasheet HTML 8Page - SpectraLinear Inc CY28329PVC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
133 MHz Spread Spectrum Clock Synthesizer/Driver
with Differential CPU Outputs
CY28329
Rev 1.0, November 24, 2006
Page 1 of 16
2200 Laurelwood Road, Santa Clara, CA 95054
Tel:(408) 855-0555
Fax:(408) 855-0550
www.SpectraLinear.com
Features
• Multiple output clocks at different frequencies
— Four pairs of differential CPU outputs, up to 133 MHz
— Ten synchronous PCI clocks, three free-running
— Six 3V66 clocks
— Two 48-MHz clocks
— One reference clock at 14.318 MHz
— One VCH clock
• Spread Spectrum clocking (down spread)
• Power-down features (PCI_STOP#, PD#)
• Three Select inputs (Mode select & IC Frequency
Select)
• OE and Test Mode support
• 56-pin SSOP package and 56-pin TSSOP package
Benefits
• Motherboard clock generator
— Support Multiple CPUs and a chipset
— Support for PCI slots and chipset
— Supports AGP and Hub Link
— Supports USB host controller and graphic controller
— Supports ISA slots and I/O chip
• Enables reduction of EMI and overall system cost
• Enables ACPI compliant designs
• Supports up to four CPU clock frequencies
• Enables ATE and “bed of nails” testing
• Widely available, standard package enables lower cost
Logic Block Diagram
SSOP and TSSOP
Top View
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
36
35
VDD_REF
34
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
XTAL_IN
XTAL_OUT
GND_REF
25
26
27
28
49
52
51
50
53
56
55
54
PCI0
PCI5
66BUFF2/3V66_4
GND_3V66
PCI_STOP#
S2
GND_CPU
CPU3#
PCI_F2
GND_PCI
GND_3V66
VDD_CORE
VDD_ 48 MHz
MULT0
VDD_CPU
REF
PCI_F0
PCI_F1
VDD_PCI
GND_PCI
PCI1
PCI2
PCI3
VDD_PCI
PCI4
PCI6
VDD_3V66
66BUFF0/3V66_2
66BUFF1/3V66_3
66IN/3V66_5
PD#
3V66_0
VDD_3V66
3V66_1/VCH
GND_ 48 MHz
DOT
USB
GND_IREF
IREF
CPU2#
CPU2
VDD_CPU
CPU1#
CPU1
CPU0#
CPU0
CPU3
S1
GND_CORE
VTTPWRGD#
SCLK
SDATA
Pin Configurations
VDD_REF
CPU[0:3]
CPU[0:3]#
PCI_F[0:2]
XTAL
PLL Ref Freq
X2
X1
REF
VDD_PCI
USB (48MHz)
VCH_CLK/ 3V66_1
OSC
VDD_CPU
SCLK
PCI0:6
PCI_STOP#
Stop
Clock
Control
PLL 1
SMBus
Logic
DOT (48MHz)
PD#
S1:2
VDD_48MHz
SDATA
VDD_3V66
3V66_0
3V66_[2:]4/
Divider
Network
3V66_5/ 66IN
PWR
PWR
PWR
PWR
PWR
PLL 2
PWR
66BUFF0:2
Gate
VTTPWRGD#
/2
Mult0


Similar Part No. - CY28329PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28329PVC CYPRESS-CY28329PVC Datasheet
290Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329PVC SILABS-CY28329PVC Datasheet
189Kb / 16P
133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY28329PVCT CYPRESS-CY28329PVCT Datasheet
290Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329PVCT SILABS-CY28329PVCT Datasheet
189Kb / 16P
133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results

Similar Description - CY28329PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W320-04H CYPRESS-W320-04H Datasheet
264Kb / 18P
200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
CY28322-2 CYPRESS-CY28322-2 Datasheet
235Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer with Differential CPU Outputs
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
SpectraLinear Inc
W320-03 SPECTRALINEAR-W320-03 Datasheet
251Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-04 CYPRESS-W320-04 Datasheet
261Kb / 17P
200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com