Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28329PVC Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # CY28329PVC
Description  133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28329PVC Datasheet(HTML) 5 Page - SpectraLinear Inc

  CY28329PVC Datasheet HTML 1Page - SpectraLinear Inc CY28329PVC Datasheet HTML 2Page - SpectraLinear Inc CY28329PVC Datasheet HTML 3Page - SpectraLinear Inc CY28329PVC Datasheet HTML 4Page - SpectraLinear Inc CY28329PVC Datasheet HTML 5Page - SpectraLinear Inc CY28329PVC Datasheet HTML 6Page - SpectraLinear Inc CY28329PVC Datasheet HTML 7Page - SpectraLinear Inc CY28329PVC Datasheet HTML 8Page - SpectraLinear Inc CY28329PVC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY28329
Rev 1.0, November 24, 2006
Page 5 of 16
Data Byte 1:
Bit
Pin#
Name
Description
Type
Power On
Default
Bit 7
–
CPU Mult0 Value
R
HW
Bit 6
53, 54
CPU3
CPU3#
CPU3 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 5
–
–
Reserved, set = 0
R/W
0
Bit 4
–
–
Reserved, set = 0
R/W
0
Bit 3
–
–
Reserved, set = 0
R/W
0
Bit 2
44, 45
CPU2
CPU2#
CPU2 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 1
48, 49
CPU1
CPU1#
CPU1Output Enable
1 = Enabled; 0= Disabled
R/W
1
Bit 0
51, 52
CPU0
CPU0#
CPU0 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Data Byte 2:
Bit
Pin#
Name
Pin Description
Type
Power On
Default
Bit 7
–
–
Reserved, set = 0
R
0
Bit 6
18
PCI6
PCI6 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 5
17
PCI5
PCI5 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 4
16
PCI4
PCI4 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 3
13
PCI3
PCI3 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 2
12
PCI2
PCI2 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 1
11
PCI1
PCI1 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 0
10
PCI0
PCI0 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Data Byte 3:
Bit
Pin#
Name
Pin Description
Type
Power On
Default
Bit 7
38
DOT
DOT 48 MHz Output Enable, 1 = enabled, 0 = disabled
R/W
1
Bit 6
39
USB
USB 48 MHz Output Enable, 1 = enabled, 0 = disabled
R/W
1
Bit 5
7
PCI_F2
Allow control of PCI_F2 with assertion of PCI_STOP#
0 = Free running; 1 = Stopped with PCI_STOP#
R/W
0
Bit 4
6
PCI_F1
Allow control of PCI_F1 with assertion of PCI_STOP#
0 = Free running; 1 = Stopped with PCI_STOP#
R/W
0
Bit 3
5
PCI_F0
Allow control of PCI_F0 with assertion of PCI_STOP#
0 = Free running; 1 = Stopped with PCI_STOP#
R/W
0
Bit 2
7
PCI_F2
PCI_F2 Output Enable, 1 = enabled, 0 = disabled
R/W
1
Bit 1
6
PCI_F1
PCI_F1Output Enable, 1 = enabled, 0 = disabled
R/W
1
Bit 0
5
PCI_F0
PCI_F0 Output Enable, 1 = enabled, 0 = disabled
R/W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com