Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28329PVC Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # CY28329PVC
Description  133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28329PVC Datasheet(HTML) 3 Page - SpectraLinear Inc

  CY28329PVC Datasheet HTML 1Page - SpectraLinear Inc CY28329PVC Datasheet HTML 2Page - SpectraLinear Inc CY28329PVC Datasheet HTML 3Page - SpectraLinear Inc CY28329PVC Datasheet HTML 4Page - SpectraLinear Inc CY28329PVC Datasheet HTML 5Page - SpectraLinear Inc CY28329PVC Datasheet HTML 6Page - SpectraLinear Inc CY28329PVC Datasheet HTML 7Page - SpectraLinear Inc CY28329PVC Datasheet HTML 8Page - SpectraLinear Inc CY28329PVC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CY28329
Rev 1.0, November 24, 2006
Page 3 of 16
Function Table[1]
S2
S1
CPU
(MHz)
3V66[0:1](
MHz)
66BUFF[0:2]/
3V66[2:4]
(MHz)
66IN/3V66_5
(MHz)
PCI_F/PCI
(MHz)
REF0(MHz)
USB/DOT
(MHz)
Notes
1
0
100 MHz
66 MHz
66IN
66-MHz Input
66IN/2
14.318 MHz
48 MHz
2, 3, 4
1
1
133 MHz
66 MHz
66IN
66-MHz Input
66IN/2
14.318 MHz
48 MHz
2, 3, 4
0
0
100 MHz
66 MHz
66 MHz
66-MHz Input
33 MHz
14.318 MHz
48 MHz
2, 3, 4
0
1
133 MHz
66 MHz
66 MHz
66-MHz Input
33 MHz
14.318 MHz
48 MHz
2, 3, 4
Mid
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
5, 6
Mid
1
TCLK/2
TCLK/4
TCLK/4
TCLK/4
TCLK/8
TCLK
TCLK/2
1, 6
Swing Select Functions
Mult0
Board Target
Trace/Term Z
Reference R, IREF =
VDD/(3*Rr)
Output
Current
VOH @ Z,
0
50 ohm
Rr = 221 1%,
IREF = 5.00 mA
IOH = 4*Iref
1.0V @ 50
1
50 ohm
Rr = 475 1%,
IREF = 2.32 mA
IOH = 6*Iref
0.7V @ 50
Clock Driver Impedances
Buffer Name
VDD Range
Buffer Type
Impedance
Min.
(Ohm)
Typ.
(Ohm)
Max.
(Ohm)
CPU, CPU#
Type X1
50
REF
3.135–3.465
Type 3
20
40
60
PCI, 3V66, 66BUFF
3.135–3.465
Type 5
12
30
55
USB
3.135–3.465
Type 3A
12
30
55
DOT
3.135–3.465
Type 3B
12
30
55
Clock Enable Configuration
PD#
PCI_STOP#
CPU
CPU#
3V66
66BUFF
PCI_F
PCI
USB/DOT
VCOS/OSC
0
X
IREF*2
FLOAT
LOW
LOW
LOW
LOW
LOW
OFF
1
0
ON
ON
ON
ON
ON
OFF
ON
ON
1
1
ON
ON
ON
ON
ON
ON
ON
ON
Notes:
1. TCLK is a test clock driven in on the XTALIN input in test mode.
2. “Normal” mode of operation.
3. Range of reference frequency allowed is min. = 14.316 nominal = 14.31818 MHz, max. = 14.32 MHz.
4. Frequency accuracy of 48 MHz must be +167 PPM to match USB default.
5. Required for board level “bed of nails” testing.
6. Mid is defined a Voltage level between 1.0V and 1.8V for 3 level input functionality. Low is below 0.8V. High is above 2.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com