Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8672ARMZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8672ARMZ-R2
Description  Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8672ARMZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8672ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8671/AD8672/AD8674
Rev. C | Page 7 of 16
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE (°C)
–40
85
25
125
+IB
–IB
VS =±5V
Figure 13. Input Bias Current vs. Temperature
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
TEMPERATURE (°C)
–40
85
25
125
+IB
–IB
VS = ±15V
Figure 14. Input Bias Current vs. Temperature
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
TEMPERATURE (°C)
–40
85
25
125
VS = ±15V
VS =±5V
Figure 15. Supply Current vs. Temperature
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
TEMPERATURE (°C)
–40
85
25
125
RL = 600Ω
RL = 2kΩ
VS = ±15V
Figure 16. Output Voltage High vs. Temperature
–14.5
–14.0
–13.5
–13.0
–12.5
–12.0
–11.5
–11.0
TEMPERATURE (°C)
–40
85
25
125
RL = 600Ω
RL = 2kΩ
VS = ±15V
Figure 17. Output Voltage Low vs. Temperature
FREQUENCY (Hz)
–10
0
10
100k
10M
1M
–40
–30
–20
20
30
40
50
VSY = ±15V
RL = 10kΩ
CL = 20pF
Φ
M = 59°
GAIN
PHASE
–45
45
–180
–135
–90
90
135
180
225
0
60
270
Figure 18. Open-Loop Gain and Phase Shift vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com