Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8672ARMZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8672ARMZ-R2
Description  Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8672ARMZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8672ARMZ-R2 Datasheet HTML 1Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 2Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Precision, Very Low Noise, Low Input
Bias Current Operational Amplifiers
AD8671/AD8672/AD8674
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Very low noise: 2.8 nV/√Hz, 77 nV p-p
Wide bandwidth: 10 MHz
Low input bias current: 12 nA max
Low offset voltage: 75 μV max
High open-loop gain: 120 dB min
Low supply current: 3 mA per amplifier
Dual-supply operation: ±5 V to ±15 V
Unity-gain stable
No phase reversal
APPLICATIONS
PLL filters
Filters for GPS
Instrumentation
Sensors and controls
Professional quality audio
GENERAL DESCRIPTION
The AD8671/AD8672/AD8674 are very high precision amplifiers
featuring very low noise, very low offset voltage and drift, low
input bias current, 10 MHz bandwidth, and low power
consumption. Outputs are stable with capacitive loads of over
1000 pF. Supply current is less than 3 mA per amplifier at 30 V.
The AD8671/AD8672/AD8674’s combination of ultralow noise,
high precision, speed, and stability is unmatched. The MSOP
version of the AD8671/AD8672 requires only half the board
space of comparable amplifiers.
Applications for these amplifiers include high quality PLL
filters, precision filters, medical and analytical instrumentation,
precision power supply controls, ATE, data acquisition, and
precision controls as well as professional quality audio.
The AD8671/AD8672/AD8674 are specified over the extended
industrial temperature range (–40°C to +125°C).
The AD8671/AD8672 are available in the 8-lead SOIC and
8-lead MSOP packages. The AD8674 is available in 14-lead
SOIC and 14-lead TSSOP packages.
Surface-mount devices in MSOP packages are available in tape
and reel only.
PIN CONFIGURATIONS
NC = NO CONNECT
NC
1
–IN
2
+IN
3
V–
4
NC
V+
OUT
NC
8
7
6
5
AD8671
TOP VIEW
(Not to Scale)
NC = NO CONNECT
NC
1
–IN
2
+IN
3
V–
4
NC
V+
OUT
NC
8
7
6
5
AD8671
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC_N (R-8)
Figure 2. 8-Lead MSOP (RM-8)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
OUT B
–IN B
+IN B
8
7
6
5
AD8672
TOP VIEW
(Not to Scale)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
OUT B
–IN B
+IN B
8
7
6
5
AD8672
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead SOIC-N (R-8)
Figure 4. 8-Lead MSOP (RM-8)
OUT A
1
–IN A
2
+IN A
3
V+
4
+IN B
5
–IN B
6
OUT B
7
OUT D
–IN D
+IN D
V–
14
13
12
11
+IN C
–IN C
OUT C
10
9
8
AD8674
TOP VIEW
(Not to Scale)
OUT A
1
–IN A
2
+IN A
3
V+
4
+IN B
5
–IN B
6
OUT B
7
OUT D
–IN D
+IN D
V–
14
13
12
11
+IN C
–IN C
OUT C
10
9
8
AD8674
TOP VIEW
(Not to Scale)
Figure 5. 14-Lead SOIC_N (R-14)
Figure 6. 14-Lead TSSOP (RU-14)


Similar Part No. - AD8672ARMZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8672ARMZ-REEL AD-AD8672ARMZ-REEL Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8672ARMZ-REEL AD-AD8672ARMZ-REEL Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
More results

Similar Description - AD8672ARMZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8671 AD-AD8671 Datasheet
92Kb / 4P
Precision Very Low Noise Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177 Datasheet
245Kb / 20P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
11/01-Data Sheet changed from REV. 0 to REV. A.
AD8510 AD-AD8510 Datasheet
497Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
6/04-Data Sheet Changed from Rev. D to Rev. E
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
OP1177 AD-OP1177_09 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP4177 AD-OP4177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com