Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8672ARMZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8672ARMZ-R2
Description  Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8672ARMZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8672ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 11Page - Analog Devices AD8672ARMZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8671/AD8672/AD8674
Rev. C | Page 8 of 16
0
5000
10000
15000
20000
25000
30000
TEMPERATURE (°C)
–40
85
25
125
±5V
±15V
Figure 19. Open-Loop Gain vs. Temperature
FREQUENCY (Hz)
1k
1M
–10
0
10
20
40
50
100k
10k
10M
30
–20
–30
–40
–50
100M
AV = 100
AV = 10
AV = 1
VSY = ±15V
VIN = 10mV
RL = ∞
CL = 20pF
Figure 20. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
1k
10M
40
50
60
70
90
100
100k
10k
100M
80
30
20
10
0
AVO = 100
100
AVO = 10
AVO = 1
1M
Figure 21. Output Impedance vs. Frequency
VSY = ±15V
VIN = 4V
RL = 2kΩ
TIME (100
μs/DIV)
Figure 22. Large Signal Transient Response
VSY = ±15V
VIN = 200mV p-p
RL = 2kΩ
TIME (10
μs/DIV)
Figure 23. Small Signal Transient Response
CAPACITANCE (pF)
1k
+OS
0
10
20
30
40
50
60
100
10k
–OS
VS =±15
Figure 24. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com