Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5957PCASM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5957PCASM
Description  12-Bit, 70MSPS Broadband Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5957PCASM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC5957PCASM Datasheet HTML 1Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 2Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 3Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 4Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 5Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 6Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 7Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 8Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage (V
CC)
−0.5V to +6V
Differential Voltage between any two
Grounds
<100 mV
Analog Input Voltage Range
GND to V
CC
Digital Input Voltage Range
−0.5V to +V
CC
Output Short Circuit Duration
(one-pin to ground)
Infinite
Junction Temperature (Note 7)
175˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Solder Duration (+300˚C)
10 sec.
ESD tolerance
human body model
machine model
2000V
200V
Recommended Operating
Conditions
Positive Supply Voltage (V
CC)
+5V ±5%
Analog Input Voltage Range
2.048 V
PP diff.
Operating Temperature Range
−40˚C to +85˚C
Package Thermal Resistance (Note 7)
Package
θ
JA
θ
JC
48-Pin TSSOP
56˚C/W
16˚C/W
Reliability Information
Transistor Count
5000
Converter Electrical Characteristics
The following specifications apply for AV
CC =DVCC = +5V, 66MSPS. Boldface limits apply for TA =Tmin = −40˚C to Tmax =
+85˚C, all other limits T
A = 25˚C (Note 3).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
BW
Large-Signal Bandwidth
A
IN = −3 dBFS
300
MHz
Overvoltage Recovery Time
A
IN = 1.5 FS (0.01%)
12
ns
t
A
Effective Aperture Delay
−0.41
ns
t
AJ
Aperture Jitter
0.3
ps(rms)
NOISE AND DISTORTION
SNR
*(Note 2)
Signal-to-Noise Ratio (without 50
harmonics)
f
IN = 5 MHz, AIN = −1dBFS
67
dBFS
f
IN = 25 MHz, AIN = −1dBFS*
60
66
dBFS
f
IN = 75 MHz, AIN = −3dBFS
65
dBFS
f
IN = 150 MHz, AIN = −15dBFS
66
dBFS
f
IN = 250 MHz, AIN = −15dBFS
66
dBFS
SFDR
Spurious-Free Dynamic Range
f
IN = 5 MHz, AIN = −1dBFS
74
dBc
f
IN = 25 MHz, AIN = −1dBFS*
60
74
dBc
f
IN = 75 MHz, AIN = −3dBFS
72
dBc
f
IN = 150 MHz, AIN = −15dBFS
69
dBc
f
IN = 250 MHz, AIN = −15dBFS
65
dBc
Spurious-Free Dynamic Range
(dithered)
f
IN = 19 MHz, AIN = −6dBFS
85
dBFS
IMD
Intermodulation Distortion
f
IN1 = 149.84 MHz, fIN2 = 149.7
MHz, A
IN = −10dBFS
68
dBFS
f
IN1 = 249.86 MHz, fIN2 = 249.69
MHz, A
IN = −10dBFS
58
dBFS
Intermodulation Distortion (dithered)
f
IN1 = 74 MHz, fIN2 = 75 MHz,
A
IN = −12dBFS
83
dBFS
DC ACCURACY AND PERFORMANCE
DNL
Differential Non-Linearity
f
IN = 5MHz, AIN = −1dBFS
±0.65
LSB
INL
Integral Non-Linearity
f
IN = 5MHz, AIN = −1dBFS
±1.5
LSB
Offset Error (Note 2)
−30
0
30
mV
Gain Error
1.2
% FS
V
REF
Reference Voltage (Note 2)
2.2
2.37
2.6
V
No Missing Codes (Note 2)
f
IN = 5MHz, AIN = -1dBFS
Guaranteed
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com