Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5957PCASM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5957PCASM
Description  12-Bit, 70MSPS Broadband Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5957PCASM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5957PCASM Datasheet HTML 1Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 2Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 3Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 4Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 5Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 6Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 7Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 8Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CLC5957
12-Bit, 70 MSPS Broadband Monolithic A/D Converter
General Description
The CLC5957 is a monolithic 12-bit, 70MSPS analog-to-
digital converter. The device has been optimized for use in
IF-sampled digital receivers and other applications where
high resolution, high sampling rate, wide dynamic range, low
power dissipation, and compact size are required. The
CLC5957 features differential analog inputs, low jitter differ-
ential universal clock inputs, a low distortion track-and-hold
with 0-300MHz input bandwidth, a bandgap voltage refer-
ence, data valid clock output, TTL compatible CMOS (3.3V
or 2.5V) programmable output logic, and a proprietary 12-bit
multi-stage quantizer. The CLC5957 is fabricated on the
ABIC-V 0.8 micron BiCMOS process.
The CLC5957 features a 74dBc spurious free dynamic
range (SFDR) and a 67dB signal to noise ratio (SNR). The
wideband track-and-hold allows sampling of IF signals to
greater than 250MHz. The part produces two-tone, dithered,
SFDR of 83dBFS at 75MHz input frequency. The differential
analog input provides excellent common mode rejection,
while the differential universal clock inputs minimize jitter.
The 48-pin TSSOP package provides an extremely small
footprint for applications where space is a critical consider-
ation. The CLC5957 operates from a single +5V power
supply. Operation over the industrial temperature range of
-40˚C to +85˚C is guaranteed. National Semiconductor tests
each part to verify compliance with the guaranteed specifi-
cations.
Features
n
70MSPS
n
Wide dynamic range:
— SFDR: 74dBc
— SFDR with dither: 85dBFS
— SNR: 67dB
n
IF sampling capability
n
Input bandwidth = 0-300MHz
n
Low power dissipation: 640mW
n
Very small package: 48-pin TSSOP
n
Single +5V supply
n
Data valid clock output
n
Programmable output levels: 3.3V or 2.5V
Applications
n
Cellular base stations
n
Digital communications
n
Infrared/CCD imaging
n
IF sampling
n
Electro-optics
n
Instrumentation
n
Medical imaging
n
High definition video
01502928
Block Diagram
01502902
April 2002
© 2002 National Semiconductor Corporation
DS015029
www.national.com


Similar Part No. - CLC5957PCASM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5957PCASM NSC-CLC5957PCASM Datasheet
631Kb / 12P
12-bit, 70MSPS Broadband Monolithic A/D Converter
More results

Similar Description - CLC5957PCASM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
12-bit, 65 MSPS Broadband Monolithic A/D Converter
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
12-bit, 70MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD568 AD-AD568 Datasheet
541Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
AD9042 AD-AD9042 Datasheet
488Kb / 24P
12-Bit, 41 MSPS Monolithic A/D Converter
REV.A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV.B
logo
National Semiconductor ...
CLC5955 NSC-CLC5955 Datasheet
222Kb / 10P
11-bit, 55MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
LOW COST MONOLITHIC 12 BIT D/A CONVERTER
AD568 AD-AD568_15 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
12-Bit, Low Cost, Monolithic D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com