Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9042 Datasheet (PDF) - Analog Devices

AD9042 Datasheet PDF - Analog Devices
Part # AD9042
Download  AD9042 Download
File Size   488.25 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 41 MSPS Monolithic A/D Converter

AD9042 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9042 Datasheet PDF - Analog Devices

Part # AD9042
Download  AD9042 Click to download

File Size   488.25 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 41 MSPS Monolithic A/D Converter

AD9042 Datasheet (HTML) - Analog Devices


AD9042 Product details

PRODUCT DESCRIPTION
The AD9042 is a high speed, high performance, low power, monolithic 12-bit analog-to-digital converter. All necessary functions, including track-and-hold (T/H) and reference are included on chip to provide a complete conversion solution. The AD9042 runs off of a single +5 V supply and provides CMOS-compatible digital outputs at 41 MSPS.

FEATURES
    41 MSPS Minimum Sample Rate
    80 dB Spurious-Free Dynamic Range
    595 mW Power Dissipation
    Single +5 V Supply
    On-Chip T/H and Reference
    Twos Complement Output Format
    CMOS-Compatible Output Levels

APPLICATIONS
    Cellular/PCS Base Stations
    GPS Anti-Jamming Receivers
    Communications Receivers
    Spectrum Analyzers
    Electro-Optics
    Medical Imaging
    ATE




Similar Part No. - AD9042

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9042 AD-AD9042_15 Datasheet
464Kb / 24P
12-Bit, 41 MSPS Monolithic ADC
REV. B
More results


Similar Description - AD9042

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD871 AD-AD871 Datasheet
378Kb / 16P
Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV.A
AD9224 AD-AD9224 Datasheet
309Kb / 24P
Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV.A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV.B
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD1671 AD-AD1671 Datasheet
397Kb / 16P
Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD871 AD-AD871_15 Datasheet
382Kb / 16P
Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9042 AD-AD9042_15 Datasheet
464Kb / 24P
12-Bit, 41 MSPS Monolithic ADC
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com