Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9042 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9042
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042 Datasheet(HTML) 2 Page - Analog Devices

  AD9042 Datasheet HTML 1Page - Analog Devices AD9042 Datasheet HTML 2Page - Analog Devices AD9042 Datasheet HTML 3Page - Analog Devices AD9042 Datasheet HTML 4Page - Analog Devices AD9042 Datasheet HTML 5Page - Analog Devices AD9042 Datasheet HTML 6Page - Analog Devices AD9042 Datasheet HTML 7Page - Analog Devices AD9042 Datasheet HTML 8Page - Analog Devices AD9042 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DC SPECIFICATIONS
Test
AD9042AST
Test
AD9042AD
Parameter
Temp
Level
Min
Typ
Max
Level
Min
Typ
Max
Units
RESOLUTION
12
12
Bits
DC ACCURACY
No Missing Codes
Full
VI
Guaranteed
VI
Guaranteed
Offset Error
Full
VI
–10
±3
+10
VI
–10
±3
+10
mV
Offset Tempco
Full
V
25
V
25
ppm/
°C
Gain Error
Full
VI
–6.5
0
+6.5
VI
–6.5
0
+6.5
% FS
Gain Tempco
Full
V
–50
V
–50
ppm/
°C
REFERENCE OUT (VREF)
2
+25
°C
V
2.4
V
2.4
V
ANALOG INPUT (AIN)
Input Voltage Range
VREF
±0.500
VREF
±0.500
V
Input Resistance
Full
IV
200
250
300
IV
200
250
300
Ω
Input Capacitance
+25
°C
V
5.5
V
7
pF
ENCODE INPUT
3
Logic Compatibility
4
TTL/CMOS
TTL/CMOS
Logic “1” Voltage
Full
VI
2.0
5.0
VI
2.0
5.0
V
Logic “0” Voltage
Full
VI
0
0.8
VI
0
0.8
V
Logic “1” Current (VINH = 5 V)
Full
VI
450
625
800
VI
450
625
800
µA
Logic “0” Current (VINL = 0 V)
Full
VI
–400
–300
–200
VI
–400
–300
–200
µA
Input Capacitance
+25
°C
V
2
V
2.5
pF
DIGITAL OUTPUTS
Logic Compatibility
CMOS
CMOS
Logic “1” Voltage (IOH = 10 µA)
+25
°C
I
3.5
4.2
I
3.5
4.2
V
Full
IV
3.5
IV
3.5
V
Logic “0” Voltage (IOL = 10 µA)
+25
°C
I
0.75
0.80
I
0.75
0.80
V
Full
IV
0.85
IV
0.85
V
Output Coding
Twos Complement
Twos Complement
POWER SUPPLY
AVCC Supply Voltage
Full
VI
5.0
VI
5.0
V
I (AVCC) Current
Full
V
109
V
109
mA
DVCC Supply Voltage
Full
VI
5.0
VI
5.0
V
I (DVCC) Current
Full
V
10
V
10
mA
ICC (Total) Supply Current
Full
VI
119
147
VI
119
147
mA
Power Dissipation
Full
VI
595
735
VI
595
735
mW
Power Supply Rejection
+25
°C
I
–20
±1
+20
I
–20
±1
+20
mV/V
(PSRR)
Full
V
±5V
±5
mV/V
NOTES
1C1 (Pin 10 on AD9042AST only) tied to GND through 0.01
µF capacitor.
2V
REF is normally tied to VOFFSET through 50 Ω. If VREF is used to provide dc offset to other circuits, it should first be buffered.
3ENCODE driven by single-ended source; ENCODE bypassed to ground through 0.01
µF capacitor.
4ENCODE may also be driven differentially in conjunction with ENCODE; see “Encoding the AD9042” for details.
Specifications subject to change without notice.
SWITCHING SPECIFICATIONS
Test
AD9042AST
Test
AD9042AD
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Level
Min
Typ
Max
Units
Maximum Conversion Rate
Full
VI
41
VI
41
MSPS
Minimum Conversion Rate
Full
IV
5
IV
5
MSPS
Aperture Delay (tA)
+25
°C
V
–250
V
–250
ps
Aperture Uncertainty (Jitter)
+25
°C
V
0.7
V
0.7
ps rms
ENCODE Pulse Width High
+25
°C
IV10
IV10
ns
ENCODE Pulse Width Low
+25
°C
IV10
IV10
ns
Output Delay (tOD)
Full
IV
5
9
14
IV
5
9
14
ns
NOTE
1C1 (Pin 10 on AD9042AST only) tied to GND through 0.01
µF capacitor.
REV. A
(AVCC = DVCC = +5 V; VREF tied to VOFFSET through 50
Ω; T
MIN = –40 C, TMAX = +85 C)
1
–2–
(AVCC = DVCC = +5 V; ENCODE & ENCODE = 41 MSPS;
VREF tied to VOFFSET through 50
Ω; T
MIN = –40 C, TMAX = +85 C)
1
AD9042–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com