Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9042 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9042
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9042 Datasheet HTML 9Page - Analog Devices AD9042 Datasheet HTML 10Page - Analog Devices AD9042 Datasheet HTML 11Page - Analog Devices AD9042 Datasheet HTML 12Page - Analog Devices AD9042 Datasheet HTML 13Page - Analog Devices AD9042 Datasheet HTML 14Page - Analog Devices AD9042 Datasheet HTML 15Page - Analog Devices AD9042 Datasheet HTML 16Page - Analog Devices AD9042 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD9042
REV. A
–13–
A dc-coupled input configuration (shown below) is limited by
the drive amplifier performance. The AD9042’s on-chip refer-
ence is buffered using the OP279 dual, rail-to-rail operational
amplifier. The resulting voltage is combined with the analog
source using an AD9631. Pending improvements in drive
amplifiers, this dc-coupled approach is limited to ~75 dB–80 dB
of dynamic performance depending on which drive amplifier is
used. The AD9631 and OP279 run off
±5 V.
21
Ω
SIGNAL
SOURCE
0–50pF
49.9
Ω
AD9631
50
Ω
200
Ω
0.1µF
OP279
(1/2)
OP279
(1/2)
571
Ω
1k
Ω
79
Ω
114
Ω
0.1µF
AD9042
AIN
VOFFSET
VREF
Figure 36. DC-Coupled Analog Input Circuit
Power Supplies
Care should be taken when selecting a power source. Linear
supplies are strongly recommended as switching supplies tend to
have radiated components that may be “received” by the
AD9042. Each of the power supply pins should be decoupled as
closely to the package as possible using 0.1
µF chip capacitors.
The AD9042 has separate digital and analog +5 V pins. The
analog supplies and the denoted AVCC digital supply pins are
denoted DVCC. Although analog and digital supplies may be
tied together, best performance is achieved when the supplies
are separate. This is because the fast digital output swings can
couple switching noise back into the analog supplies. Note that
AVCC must be held within 5% of 5 volts, however the DVCC
supply may be varied according to output digital logic family
(i.e., DVCC should be connected to the supply for the digital
circuitry).
Output Loading
Care must be taken when designing the data receivers for the
AD9042. It is recommended that the digital outputs drive a se-
ries resistor of 499 ohms followed by a CMOS gate like the
74AC574. To minimize capacitive loading, there should only
be one gate on each output pin. An example of this is shown in
the evaluation board schematics shown in Figures 37 and 38.
The digital outputs of the AD9042 have a unique constant slew
rate output stage. The output slew rate is about 1 V/ns
independent of output loading. A typical CMOS gate combined
with PCB trace and through hole will have a load of approxi-
mately 10 pF. Therefore as each bit switches, 10 mA
10 pF
× 1V
1ns

 of dynamic current per bit will flow in or out of
the device. A full- scale transition can cause up to 120 mA (12
bits
× 10 mA/bit) of current to flow through the digital output
stage. The series resistor will minimize the output currents that
can flow in the output stage. These switching currents are
confined between ground and the DVCC pin. Standard TTL
gates should be avoided since they can appreciably add to the
dynamic switching currents of the AD9042.
Layout Information
The schematic of the evaluation boards (Figures 37 and 38)
represents a typical implementation of the AD9042. The pinout
of the AD9042 facilitates ease of use and the implementation of
high frequency/high resolution design practices. All of the
digital outputs are on one side of the packages while the other
sides contain all of the inputs. It is highly recommended that
high quality ceramic chip capacitors be used to decouple each
supply pin to ground directly at the device. Depending on
the configuration used for the encode and analog inputs, one or
more capacitors are required on those input pins. The capacitors
used on the ENCODE and VREF pins must be a low inductance
chip capacitor as referenced previously in the data sheet.
Although a multilayer board is recommended, it is not required
to achieve good results. As shown in the DIP evaluation board
layout (Figures 39–42), the top layer forms a near solid ground
plane while the under side is used for routing signal. No vias
or jumpers are required to route signals in and out of the
AD9042AD. Each supply is decoupled to ground directly at the
device.
Care should be taken when placing the digital output runs.
Because the digital outputs have such a high slew rate, the
capacitive loading on the digital outputs should be minimized.
Circuit traces for the digital outputs should be kept short and
connect directly to the receiving gate (broken only by the
insertion of the series resistor). Logic fanout for each bit should
be one CMOS gate.
Evaluation Boards
The evaluation board for the AD9042 is very straight forward
consisting of power, signal inputs and digital outputs. The
evaluation board includes an onboard clock oscillator for the
encode; all the user must supply is power and an analog signal.
Power to the analog supply pins is connected via banana jacks.
The analog supply powers the crystal oscillator and the AVCC
pins of the AD9042. The DVCC power is supplied via J3, the
digital interface. This digital supply connection also powers the
digital gates on the PCB. By maintaining separate analog and
digital power supplies, degradation in SNR and SFDR is kept
to a minimum. Total power requirement for either PCB is
approximately 140 mA. This configuration allows for easy
evaluation of different logic families (i.e., connection to a 3.3
volt logic board).
The analog input is connected via J2 and is capacitively coupled
to the AD9042 (see “Driving the Analog Input”). The onboard
termination resistor is 60.4
Ω. This resistor in parallel with
AD9042’s input resistance (250
Ω) provides a 50 Ω load to the
analog source. If a different input impedance is required,
replace R1 by using the following equation
R
1 =
1
1
Z
−
1
250
where Z is desired input impedance.
The analog input range of PCB is
±0.5 volts (i.e., signal ac-
coupled to AD9042).
The encode signal is generated using the onboard crystal
oscillator, U1. The oscillator is socketed and may be replaced
by an external encode source via J1. If an external source is
used, it should be a high quality TTL source. A transformer
converts the single-ended TTL signal to a differential clock (see
“Encoding the AD9042”). Since the encode is coupled with a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com