Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5957PCASM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5957PCASM
Description  12-Bit, 70MSPS Broadband Monolithic A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5957PCASM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC5957PCASM Datasheet HTML 1Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 2Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 3Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 4Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 5Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 6Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 7Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 8Page - National Semiconductor (TI) CLC5957PCASM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for AV
CC =DVCC = +5V, 66MSPS. Boldface limits apply for TA =Tmin = −40˚C to Tmax =
+85˚C, all other limits T
A = 25˚C (Note 3).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER REQUIREMENTS
I
CC
Total Operating Supply Current (Note
2)
128
150
mA
Power Dissipation (Note 2)
640
750
mW
Power Supply Rejection Ratio
64
dB
Note 1: “Absolute Maximum Ratings” are limiting values, to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied. Exposure to maximum ratings for extended periods may affect device reliability.
Note 2: These parameters are guaranteed by test.
Note 3: Typical specifications are based on the mean test values of deliverable converters from the first three diffusion lots.
Note 4: Values guaranteed based on characterization and simulation.
Note 5: See page 14, Figure 3 for ENCODE inputs circuit.
Note 6: CL = 7pF DATA; 10pF DAV.
Note 7: The absolute maximum junction (TJmax) temperature for this device is 175˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDmax=(TJmax – TA)/θJA. For the 48-pin
TSSOP,
θJA is 56˚C/W, so PDmax = 2.68W at 25˚C and 1.6W at the maximum operating ambient temperature of 85˚C. Note that the power dissipation of this device
under normal operation will typically be about 650 mW (640 mW quiescent power + 10 mW due to 1 TTL load on each digital output). The values of absolute
maximum power dissipation will only be reached when the CLC5957 is operated in a severe fault condition (e.g., when input or output pins are driven beyond the
power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com