Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2094792 Datasheet(PDF) 2 Page - SICK AG

Part # 2094792
Description  MAGNETIC SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2094792 Datasheet(HTML) 2 Page - SICK AG

  2094792 Datasheet HTML 1Page - SICK AG 2094792 Datasheet HTML 2Page - SICK AG 2094792 Datasheet HTML 3Page - SICK AG 2094792 Datasheet HTML 4Page - SICK AG 2094792 Datasheet HTML 5Page - SICK AG 2094792 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLSE-0200A2NP0 | MLS
MAGNETIC SENSORS
Ordering information
Type
Part no.
MLSE-0200A2NP0
1090687
Other models and accessories
www.sick.com/MLS
Detailed technical data
Features
Detection range typ.
200 mm
Operating height
10 mm ... 70 mm
Electrical wiring
DC 4-wire
Enclosure rating
IP65 1)
IP67
IP68
1) According to EN 60529.
Mechanics/electronics
Supply voltage
9 V DC ... 30 V DC
Terminal resistor
No internal terminator
Protection class
III
Power consumption
600 mW
Resolution, typ.
1 mm
Repeat accuracy, typ.
1 mm
Update rate
100 Hz
Teach-in
✔
Reverse polarity protection
✔
Short-circuit protection
✔
Ambient operating temperature
–20 °C ... +70 °C
Shock and vibration resistance
30 g, 11 ms/10 Hz ... 55 Hz, 1 mm
EMC
EN 61000-6-2
EN 61000-6-4
Connection type
Cable with M8 male connector, 4-pin, 0.3 m 1)
Connection type Detail
Conductor cross section 0.08 mm²
Material
1) Do not bend below 0 °C.
2
MAGNETIC SENSORS | SICK
Product data sheet | 2024-01-09 09:31:39
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com