Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2094792 Datasheet(PDF) 5 Page - SICK AG

Part # 2094792
Description  MAGNETIC SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2094792 Datasheet(HTML) 5 Page - SICK AG

  2094792 Datasheet HTML 1Page - SICK AG 2094792 Datasheet HTML 2Page - SICK AG 2094792 Datasheet HTML 3Page - SICK AG 2094792 Datasheet HTML 4Page - SICK AG 2094792 Datasheet HTML 5Page - SICK AG 2094792 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MLSE-0200A2NP0 | MLS
MAGNETIC SENSORS
Recommended accessories
Other models and accessories
www.sick.com/MLS
Brief description
Type
Part no.
Bus adapter
CAN-USB Adapter to connect MLS with a PC
AKA-NXL1BXB12KX
6067651
Magnets
Magnetic tape, North is top side, adhesive, width 25 mm, length 50 m
MAGNETIC TAPE
5337613
Magnetic tape, South is top side, adhesive, width 25 mm, length 50 m
MAGNETIC TAPE
5337614
Magnetic tape, north pole on top, self-adhesive, width = 25mm, external length =
524 mm, internal length = 511 mm, radius =1000 mm, 30° section
Magnetic
tape, curved
5344198
Positioning device for magnetic markers (5337613, 5337614) for MLS
TEMPLATE
4097520
Distributors
YF8U14-011VA3FYDN2
YF8U14-
011VA3FYDN2
2098412
Mounting brackets and plates
Bracket for low mounting, Stainless steel V2A (bracket/mounting screw), Brass (fixing
screw)
BEF-WNL01MPA
2065973
Bracket for lateral mounting, Stainless steel V2A (bracket/mounting screw), Brass (fixing
screw)
BEF-WNZ01MPA
2065577
Plug connectors and cables
Head A: female connector, M8, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 2 m
YF8U14-
020UA3XLEAX
2094791
Head A: female connector, M8, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 5 m
YF8U14-
050UA3XLEAX
2094792
Head A: female connector, M8, 4-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 2 m
YG8U14-
020UA3XLEAX
2095589
Head A: female connector, M8, 4-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 5 m
YG8U14-
050UA3XLEAX
2095590
2024-01-09 09:31:39 | Product data sheet
Subject to change without notice
MAGNETIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com