Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2094792 Datasheet(PDF) 3 Page - SICK AG

Part # 2094792
Description  MAGNETIC SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2094792 Datasheet(HTML) 3 Page - SICK AG

  2094792 Datasheet HTML 1Page - SICK AG 2094792 Datasheet HTML 2Page - SICK AG 2094792 Datasheet HTML 3Page - SICK AG 2094792 Datasheet HTML 4Page - SICK AG 2094792 Datasheet HTML 5Page - SICK AG 2094792 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MLSE-0200A2NP0 | MLS
MAGNETIC SENSORS
Housing Metal
Aluminum
Plastic
Cable PUR
UL File No.
NRKH.E181493 & NRKH7.E181493
1) Do not bend below 0 °C.
Safety-related parameters
MTTFD
143 years
DCavg
0 %
TM (mission time)
20 years
Communication interface
Communication interface
CANopen
Diagnosis
Orientation
Number of axis 3
Roll Euler angle measuring range ± 180°
Pitch Euler angle measuring range ± 90°
Yaw Euler angle measuring range ± 180°
Resolution 0.02°
Roll repeatability ± 1°
Pitch repeatability ± 1°
Yaw repeatability ± 1° 1)
Maximum rotation rate 2,000 °/s
Quaternion w measuring range 0 ... + 1
Quaternion x measuring range –1 ... 1
Quaternion y measuring range –1 ... 1
Quaternion z measuring range –1 ... 1
Update rate 100 Hz
Limit frequency 100 Hz
Initialization time 640 ms
Sampling rate 200 Hz 2)
Acceleration measuring range ± 16 g 2)
Rotation rate measuring range ± 2,000 °/s 2)
1) Not long-term stable.
2) Raw data.
Classifications
eCl@ss 5.0
27270104
eCl@ss 5.1.4
27270104
eCl@ss 6.0
27270104
eCl@ss 6.2
27270104
eCl@ss 7.0
27270104
2024-01-09 09:31:39 | Product data sheet
Subject to change without notice
MAGNETIC SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com