Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6204 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6204
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6204 Datasheet(HTML) 1 Page - STMicroelectronics

  L6204 Datasheet HTML 1Page - STMicroelectronics L6204 Datasheet HTML 2Page - STMicroelectronics L6204 Datasheet HTML 3Page - STMicroelectronics L6204 Datasheet HTML 4Page - STMicroelectronics L6204 Datasheet HTML 5Page - STMicroelectronics L6204 Datasheet HTML 6Page - STMicroelectronics L6204 Datasheet HTML 7Page - STMicroelectronics L6204 Datasheet HTML 8Page - STMicroelectronics L6204 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
L6204
DMOS DUAL FULL BRIDGE DRIVER
ADVANCE DATA
SUPPLY VOLTAGE UP TO 48V
RDS(ON) 1.2
Ω (25°C)
CROSS CONDUCTION PROTECTION
THERMAL SHUTDOWN
0.5A DC CURRENT
TTL/CMOS COMPATIBLE DRIVER
HIGH EFFICIENCY CHOPPING
DESCRIPTION
The L6204 is a dual full bridge driver for motor
control applications realized in BCD technology
which combines isolated DMOS power transistors
with CMOS and Bipolar circuits on the same chip.
By using mixed technology it has been possible to
optimize the logic circuitry and the power stage to
achieve the best possible performance.
The logic inputs are TTL/CMOS compatible. Both
channels are controlled by a separate Enable.
Each bridge has a sense resistor to control the
currenrt level.
The L6204 is mounted in an 20-lead Powerdip
and SO 24+2+2 packages and the four center
pins are used to conduct heat to the PCB. At nor-
mal operating temperatures no external heatsink
is required.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
March 1994
BLOCK DIAGRAM
Powerdip 16+2+2
SO 24+2+2
ORDERING NUMBERS:
L6204
L6204D
MULTIPOWER BCD TECHNOLOGY
1/10


Similar Part No. - L6204

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6204 STMICROELECTRONICS-L6204 Datasheet
678Kb / 12P
DMOS DUAL FULL BRIDGE DRIVER
Jul-2003
L6204D STMICROELECTRONICS-L6204D Datasheet
667Kb / 12P
DMOS DUAL FULL BRIDGE DRIVER
Jul-2003
L6204D STMICROELECTRONICS-L6204D Datasheet
678Kb / 12P
DMOS DUAL FULL BRIDGE DRIVER
Jul-2003
L6204D013TR STMICROELECTRONICS-L6204D013TR Datasheet
678Kb / 12P
DMOS DUAL FULL BRIDGE DRIVER
Jul-2003
L6204 STMICROELECTRONICS-L6204_03 Datasheet
667Kb / 12P
DMOS DUAL FULL BRIDGE DRIVER
Jul-2003
More results

Similar Description - L6204

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6206 STMICROELECTRONICS-L6206 Datasheet
413Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
logo
Allegro MicroSystems
3971 ALLEGRO-3971 Datasheet
141Kb / 8P
DUAL DMOS FULL-BRIDGE DRIVER
May 2, 2000
logo
STMicroelectronics
L6204 STMICROELECTRONICS-L6204_03 Datasheet
667Kb / 12P
DMOS DUAL FULL BRIDGE DRIVER
Jul-2003
L6226Q STMICROELECTRONICS-L6226Q Datasheet
478Kb / 28P
DMOS dual full bridge driver
10-Jun-2008
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6206PD013TR STMICROELECTRONICS-L6206PD013TR Datasheet
426Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
E-L6205PD STMICROELECTRONICS-E-L6205PD Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6225DTR STMICROELECTRONICS-L6225DTR Datasheet
389Kb / 20P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6226PDTR STMICROELECTRONICS-L6226PDTR Datasheet
533Kb / 31P
DMOS dual full bridge driver
21-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com